Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTP2907AS3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTP2907AS3
Description  General Purpose PNP Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP2907AS3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTP2907AS3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP2907AS3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C317S3-H
Issued Date : 2003.04.11
Revised Date :
Page No. : 2/4
BTP2907AS3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-60
-
-
V
IC=-10uA
*BVCEO
-60
-
-
V
IC=-10mA
BVEBO
-5
-
-
V
IE=-10uA
ICBO
-
-
-10
nA
VCB=-50V
ICEX
-
-
-50
nA
VCE=-30V, VBE(OFF)=-0.5V
*VCE(sat)
-
-0.2
-0.4
V
IC=-150mA, IB=-15mA
*VCE(sat)
-
-0.5
-1.6
V
IC=-500mA, IB=-50mA
*VBE(sat)
-
-
-1.3
V
IC=-150mA, IB=-15mA
*VBE(sat)
-
-
-2.6
V
IC=-500mA, IB=-50mA
*hFE
75
-
-
-
VCE=-10V, IC=-100uA
*hFE
100
-
-
-
VCE=-10V, IC=-1mA
*hFE
100
-
-
-
VCE=-10V, IC=-10mA
*hFE
100
-
300
-
VCE=-10V, IC=-150mA
*hFE
50
-
-
-
VCE=-10V, IC=-500mA
fT
200
-
MHz
VCE=-20V, IC=-50mA, f=100MHz
Cob
-
-
8
pF
VCB=-10V, IE=0A,f=1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com