Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A10514-R-NCGK Datasheet(PDF) 2 Page - C&K Components

Part # A10514-R-NCGK
Description  1-4 Pole Rotary Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A10514-R-NCGK Datasheet(HTML) 2 Page - C&K Components

  A10514-R-NCGK Datasheet HTML 1Page - C&K Components A10514-R-NCGK Datasheet HTML 2Page - C&K Components A10514-R-NCGK Datasheet HTML 3Page - C&K Components A10514-R-NCGK Datasheet HTML 4Page - C&K Components A10514-R-NCGK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
K
K–4
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
20 Apr 21
A Series
1-4 Pole Rotary Switches
SWITCH FUNCTION
3P MODELS SCHEMATIC
4P MODELS SCHEMATIC
DP MODELS SCHEMATIC
SP MODELS SCHEMATIC
3P MODELS
TERMINAL NUMBERS
4P MODELS
SP MODELS (omit terminals B, C & D)
DP MODELS (omit terminals B & D)
Terminal numbers
molded on bottom
of housing.
30º INDEXING
45º INDEXING
90º INDEXING
NOTE: * These models with ‘C’ or ‘MC’ terminations have additional terminal no. 9
as switch support only. This terminal is not connected electrically inside switch.
All models
with all options when ordered with ‘G’ or ‘Q’ contact
material, see page K-6.
A,B,C,1-12
4 Position
A304
A,B,C,1-3,5-7
9-11
3 Position
A303
A,C,1-12
6 Position
A206
A,C,1-5,7-11
5 Position
A205
A,C,1-4,7-10
4 Position
A204
A,C,1-3,7-9
3 Position
A203
DP
A,1-12
12 Position
A112
A,1-10
10 Position
A110
A,1-9
9 Position
A109
A,1-8
8 Position
A108
A,1-7
7 Position
A107
A,1-6*
6 Position
A106
A,1-5*
5 Position
A105
A,1-4*
4 Position
A104
A,1-3*
3 Position
A103
A,1,2*
SPDT
A102
A,1-12
12 Position
No Stops
A100
SP
TERMINALS
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
3P
NO.
POLES
NO.
POLES
NO.
POLES
MODEL
NO.
MODEL
NO.
MODEL
NO.
SWITCH
FUNCTION
SWITCH
FUNCTION
SWITCH
FUNCTION
TERMINALS
TERMINALS
TERMINALS
A402
A115
A114
A403
A125
A124
A214
4PDT
3 Position
2 Position
3 Position
8 Position
4 Position
2 Position
All Terminals
A,1,2,4,5,7,8,10,11
A,1,4,7,10
A,C,1,4,7,10
A,B,C,D,1,2,4,5,7,
8,10,11
A,1,2,4*
A,1,4*
4P
SP
SP
DP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com