Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A10514-R-NMCGK Datasheet(PDF) 1 Page - C&K Components

Part # A10514-R-NMCGK
Description  1-4 Pole Rotary Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A10514-R-NMCGK Datasheet(HTML) 1 Page - C&K Components

  A10514-R-NMCGK Datasheet HTML 1Page - C&K Components A10514-R-NMCGK Datasheet HTML 2Page - C&K Components A10514-R-NMCGK Datasheet HTML 3Page - C&K Components A10514-R-NMCGK Datasheet HTML 4Page - C&K Components A10514-R-NMCGK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Models Available
A Series
1-4 Pole Rotary Switches
Features/Benefits
• Multi-pole and multi-position
• Positive detent
• Shorting & non-shorting contacts
• Panel and PCB mounting
• RoHS Compliant
Typical Applications
• Automotive
• Major and small appliances
• Industrial equipment
Specifications
CONTACT RATING: Q contact material: Switch - 2.5 AMPS @
125 V AC; 1 AMP @ 250 V AC; 350 mA @ 125 V DC (UL/CSA).
Carry - 5 AMPS continuous. See page K-6 for additional rat-
ings.
ELECTRICAL LIFE: Up to 15,000 make-and-break cycles at full
load up to 300,000 detent operations.
CONTACT RESISTANCE: Below 20 m Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 10 9 Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
Operating and storage temp: -30º to 85ºC
OPERATING & STORAGE TEMPERATURE: -30ºC to 85ºC
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & BUSHING: Glass filled 6/6 nylon (UL 94V-0).
ACTUATOR: Glass filled 6/6 nylon (UL 94V-0).
MOVABLE CONTACTS: Q contact material: Coin silver, silver plated.
See page K-6 for additional contact materials.
STATIONARY CONTACTS & TERMINALS: Q contact material: Brass,
silver plated. See page K-6 for additional contact materials.
HARDWARE: Nut - zinc, nickel plated. Lockwasher — steel, bright
zinc plated. Stop Ring - brass, nickel plated.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K–4 through K–7. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
A100 SP, 30° Index, 12 pos. no stops
A102 SPDT, 30° Index
A103 SP, 30° Index, 3 pos.
A104 SP, 30° Index, 4 pos.
A105 SP, 30° Index, 5 pos.
A106 SP, 30° Index, 6 pos.
A107 SP, 30° Index, 7 pos.
A108 SP, 30° Index, 8 pos.
A109 SP, 30° Index, 9 pos.
A110 SP, 30° Index, 10 pos.
A112 SP, 30° Index, 12 pos.
A114 SP, 90° Index, 2 pos.
A115 SP, 45° Index, 3 pos.
A124 SP, 90° Index, 4 pos.
A125 SP, 45° Index, 8 pos.
A203 DP, 30° Index, 3 pos.
A204 DP, 30° Index, 4 pos.
A205 DP, 30° Index, 5 pos.
A206 DP, 30° Index, 6 pos.
A214 DP, 90° Index, 2 pos.
A303 3P, 30° Index, 3 pos.
A304 3P, 30° Index, 4 pos.
A402 4PDT, 30° Index
A403 4P, 30° Index, 3 pos
Contact Material
Q Silver
B Gold
G Gold over silver
Actuator
15 1.500” high, flatted
03 .375” high, flatted
05 .500” high, flatted
14 1.500” high, flatted
42 1.654” high, metric
S1 Screwdriver Slot
Shorting/
Non-shorting Contacts
N Non-shorting contacts
S Shorting contacts
(Not available with models A114, A124 & A214)
Terminations
Z Solder lug
C PC Thru-hole
MC Modular base
Seal
NONE No seal
E Epoxy seal
F Splashproof bushing seal
K Epoxy & splashproof bushing seal
Mounting Style
R 3/8-32 threaded
M M10 x .75 metric
K–3
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
K
20 Apr 21


Similar Part No. - A10514-R-NMCGK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
A10514MNZQ ITT-A10514MNZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
A10514MSZQ ITT-A10514MSZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
A10514RNZQ ITT-A10514RNZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
A10514RSZQ ITT-A10514RSZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
More results

Similar Description - A10514-R-NMCGK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
A10015RNZQ ITT-A10015RNZQ Datasheet
341Kb / 5P
1-4 Pole Rotary Switches
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
1-6 Pole Miniature Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
1-2 Pole Coded Rotary Switches
logo
C&K Components
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
1-4 Pole Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
1-2 Pole Coded Rotary Switches
767B00201 CK-COMPONENTS-767B00201 Datasheet
1Mb / 5P
A Series 1-4 Pole Rotary Switches
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
A Series 1-4 Pole Rotary Switches
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
1-4 Pole Rotary Switches
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
1-4 Pole Rotary Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com