Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB9021 Datasheet(PDF) 2 Page - Gennum Corporation

Part # EB9021
Description  GENLINX-TM II EB9021 Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

EB9021 Datasheet(HTML) 2 Page - Gennum Corporation

  EB9021 Datasheet HTML 1Page - Gennum Corporation EB9021 Datasheet HTML 2Page - Gennum Corporation EB9021 Datasheet HTML 3Page - Gennum Corporation EB9021 Datasheet HTML 4Page - Gennum Corporation EB9021 Datasheet HTML 5Page - Gennum Corporation EB9021 Datasheet HTML 6Page - Gennum Corporation EB9021 Datasheet HTML 7Page - Gennum Corporation EB9021 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VB2934 - 1
2
Finally, configuration jumpers are provided for further
configuration of the GS9021. A detailed description of the
input and output pins of the GS9021 can be found in the
GS9021 data sheet.
BOARD SET-UP AND TEST
Upon power-up or RESET, the GS9021 is configured for auto
standards detection of any of the supported video standards.
The GS9021 can also be configured for manual standards
detection by setting the STD[3:0], STD_SEL, and S bits of the
HOSTIF write table appropriately via the I2C interface.
To verify operation of the EB9021, a source of parallel digital
video should be applied to the input DB25F connector. The
output data stream available at the DB25F output connector
can be supplied to a D to A converter for verification via a
monitor. Note that the following configuration signals must
be set as shown for an output to be present:
BLANK_EN = HIGH (blanking disabled )
LSB_TOP = LOW (output data bus is not reversed)
The power supply requirements for the EB9021 are +5V for
VCC at a current rating of 300mA and -5V for VEE at a
current rating of 415mA (nominally).
PCB DETAILS
The EB9021 is a four layer printed circuit board constructed
of standard FR-4 material and measures approximately 6 "
by 4.5". Ground and power plane layers are internal to the
board with signal layers on the top and bottom of the board.
Components are mounted on the top side. The silk-screen
(top) and the top and bottom layers are shown on the
following pages.
APPLICATIONS
The EB9021 evaluation board is designed to allow evaluation
and testing of the GS9021 EDH Coprocessor. The board can
also be used in stand alone applications where it is necessary
to test the performance of a system. In this application, the
EB9021 provides visual indication of system errors as well as
detailed error reporting via the I2C interface.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
Please be advised that this preliminary document does not conform to Gennum's ISO9001 standards.
© Copyright March 1998 Gennum Corporation. All rights reserved. Printed in Canada.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com