Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

549049 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 549049
Description  Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

549049 Datasheet(HTML) 1 Page - Festo Corporation.

  549049 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cover
VAEM-S6-C-S10-R5
Part number: 549049
Data sheet
Feature
Value
Max. no. of valve positions
10 for bistable pneumatic valves
20 for monostable pneumatic valves
Max. residual current
10 A
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+/- 10 %
Corrosion resistance class (CRC)
0 - No corrosion stress
Degree of protection
IP65
NEMA 4
Ambient temperature
-5 °C ... 50 °C
Product weight
230 g
Number of electrical connections
10
Electrical connection
5-pin
M12
Plug
Housing material
PA
8/10/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 549049

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54904 OSRAM-54904 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549042 FESTO-549042 Datasheet
87Kb / 1P
Electrical interface
549043 FESTO-549043 Datasheet
107Kb / 1P
Electrical interface
549044 FESTO-549044 Datasheet
97Kb / 2P
AS-i module
8/10/22
549045 FESTO-549045 Datasheet
100Kb / 2P
AS-i module
8/10/22
More results

Similar Description - 549049

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437645-1 MACOM-2-1437645-1 Datasheet
33Kb / 1P
TERMINAL COVER W/COVER MOUNTS
logo
Picker Components
SSR100 PICKER-SSR100 Datasheet
314Kb / 1P
Protective Cover
logo
Schurter Inc.
ASSORTEDCOVERS SCHURTER-ASSORTEDCOVERS Datasheet
231Kb / 2P
Rear Cover
logo
HARTING Technology Grou...
09-20-003-5407 HARTING-09-20-003-5407 Datasheet
450Kb / 2P
Cover grey / No rivet Protection cover
09-30-010-5425 HARTING-09-30-010-5425 Datasheet
463Kb / 2P
Han 10B-Protection Cover Protection cover
logo
Pepperl+Fuchs Inc.
SH-BT43-F25-01 PF-SH-BT43-F25-01 Datasheet
434Kb / 1P
Protective cover
VOS5000-LE-COV47 PF-VOS5000-LE-COV47 Datasheet
794Kb / 1P
Protective cover
logo
Festo Corporation.
549048 FESTO-549048 Datasheet
75Kb / 1P
Cover
8/10/22
logo
TRACO Electronic AG
TXH120-COV TRACOPOWER-TXH120-COV Datasheet
789Kb / 1P
Cover
Rev. November 30, 2022
TXH240-COV TRACOPOWER-TXH240-COV Datasheet
999Kb / 1P
Cover
Rev. November 30, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com