Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SHO2V02H30S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SHO2V02H30S
Description  NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SHO2V02H30S Datasheet(HTML) 1 Page - Schneider Electric

  8536SHO2V02H30S Datasheet HTML 1Page - Schneider Electric 8536SHO2V02H30S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Motor Starter, Type S,
nonreversing, Size 6, 540A, 400 HP
at 460 VAC, up to 100 kA SCCR,
3 phase, 3 pole, Motor Logic, 120
VAC coil, open
8536SHO2V02H30S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 21,971.00 USD
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
NEMA Size
6
Rated Current
540 A
Number of Poles
3P
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type of Overload
Solid state Motor Logic class 10/20
Horsepower Rating
150 HP 200 V AC
200 HP 230 V AC
400 HP 460 V AC
400 HP 575 V AC
SCCR
Circuit-breaker 800 A maximum: 65 kA at 480 V AC
Fuse J 600 A maximum: 100 kA at 600 V AC
Fuse T 600 A maximum: 100 kA at 600 V AC
Fuse RK1 600 A maximum: 100 kA at 600 V AC
Fuse RK5 600 A maximum: 100 kA at 600 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Control circuit transformer
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Other Equipment
2 fuses (primary), 2 fuses (secondary)
Terminal Type
Screw clamp terminals
Height
28.06 in (712.72 mm)
Width
12.34 in (313.44 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 13, 2022
1


Similar Part No. - 8536SHO2V02H30S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SHO2V02H30SX11 SCHNEIDER-8536SHO2V02H30SX11 Datasheet
71Kb / 3P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Feb 27, 2024
More results

Similar Description - 8536SHO2V02H30S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SCO3V02H300S SCHNEIDER-8536SCO3V02H300S Datasheet
133Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jun 30, 2022
8536SCO3V02H308S SCHNEIDER-8536SCO3V02H308S Datasheet
133Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jun 30, 2022
8536SEO1V02H30S SCHNEIDER-8536SEO1V02H30S Datasheet
131Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jun 30, 2022
8536SFO1V02H30S SCHNEIDER-8536SFO1V02H30S Datasheet
141Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 4, 135A, 100 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jun 30, 2022
8536SFO1V02H303S SCHNEIDER-8536SFO1V02H303S Datasheet
97Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 4, 135A, 100 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Jul 20, 2022
8536SHO2V02S SCHNEIDER-8536SHO2V02S Datasheet
118Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 13, 2022
8536SEO1V02H31SX21 SCHNEIDER-8536SEO1V02H31SX21 Datasheet
144Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 120 VAC coil, open
Aug 11, 2022
8536SHO2V02SX22 SCHNEIDER-8536SHO2V02SX22 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, meltingalloy, 120 VAC coil, open
Aug 23, 2022
8536SHO2V03H30 SCHNEIDER-8536SHO2V03H30 Datasheet
118Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 240 VAC coil, open
Aug 23, 2022
8536SHO2V06H30 SCHNEIDER-8536SHO2V06H30 Datasheet
119Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, up to 100 kA SCCR, 3 phase, 3 pole, Motor Logic, 480 VAC coil, open
Aug 23, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com