Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8536SHO2V02S Datasheet(PDF) 1 Page - Schneider Electric

Part # 8536SHO2V02S
Description  NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8536SHO2V02S Datasheet(HTML) 1 Page - Schneider Electric

  8536SHO2V02S Datasheet HTML 1Page - Schneider Electric 8536SHO2V02S Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NEMA Motor Starter, Type S,
nonreversing, Size 6, 540A, 400 HP
at 460 VAC, 3 phase, 3 pole, melting
alloy, 120 VAC coil, open
8536SHO2V02S
Product availability : Stock - Normally stocked in distribution
facility
Price* : 21,756.00 USD
Main
Product Type
Motor starter
Product Range
S
Starter Type
Non reversing
Complementary
NEMA Size
6
Rated Current
540 A
Number of Poles
3P
Maximum Voltage Rating
600 V AC
Phase
3 phase
Type of Overload
Melting alloy 3
Horsepower Rating
150 HP 200 V AC
200 HP 230 V AC
400 HP 460 V AC
400 HP 575 V AC
Coil Voltage
110 V AC 50 Hz
120 V AC 60 Hz
Control Circuit Type
Control circuit transformer
Control Units
No control units
Pilot Light
Without pilot light
Auxiliary Contacts
Without
Other Equipment
2 fuses (primary), 2 fuses (secondary)
Terminal Type
Screw clamp terminals
Height
28.06 in (712.72 mm)
Width
12.34 in (313.44 mm)
Depth
9.00 in (228.60 mm)
Environment
Enclosure Type
Not rated (open device)
Certifications
UL Listed
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jul 13, 2022
1


Similar Part No. - 8536SHO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SHO2V02SX11 SCHNEIDER-8536SHO2V02SX11 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 23, 2022
8536SHO2V02SX22 SCHNEIDER-8536SHO2V02SX22 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, meltingalloy, 120 VAC coil, open
Aug 23, 2022
More results

Similar Description - 8536SHO2V02S

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
8536SEO1V02S SCHNEIDER-8536SEO1V02S Datasheet
127Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jun 30, 2022
8536SCG3V02A3S SCHNEIDER-8536SCG3V02A3S Datasheet
128Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 1, 27A, 10 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, 3 pole, melting alloy, 120 VAC coil,
Jul 21, 2022
8536SEO1V02SX11 SCHNEIDER-8536SEO1V02SX11 Datasheet
139Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 20, 2022
8536SEO1V02SY81 SCHNEIDER-8536SEO1V02SY81 Datasheet
132Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Jul 20, 2022
8536SEO1V02SX20 SCHNEIDER-8536SEO1V02SX20 Datasheet
138Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 11, 2022
8536SEO1V02SX21 SCHNEIDER-8536SEO1V02SX21 Datasheet
138Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 3, 90A, 50 HP at 460 VAC, 5 kA SCCR, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 11, 2022
8536SHA2V02S SCHNEIDER-8536SHA2V02S Datasheet
94Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, NEMA 12
Aug 23, 2022
8536SHO2V02SX11 SCHNEIDER-8536SHO2V02SX11 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 120 VAC coil, open
Aug 23, 2022
8536SHO2V02SX22 SCHNEIDER-8536SHO2V02SX22 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, meltingalloy, 120 VAC coil, open
Aug 23, 2022
8536SHO2V06 SCHNEIDER-8536SHO2V06 Datasheet
117Kb / 2P
NEMA Motor Starter, Type S, nonreversing, Size 6, 540A, 400 HP at 460 VAC, 3 phase, 3 pole, melting alloy, 480 VAC coil, open
Aug 23, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com