Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM-40-V1/0-R1/8-EN Datasheet(PDF) 1 Page - Festo Corporation.

Part # VAM-40-V1/0-R1/8-EN
Description  Vacuum gauge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VAM-40-V1/0-R1/8-EN Datasheet(HTML) 1 Page - Festo Corporation.

  VAM-40-V1/0-R1/8-EN Datasheet HTML 1Page - Festo Corporation. VAM-40-V1/0-R1/8-EN Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum gauge
VAM-40-V1/0-R1/8-EN
Part number: 537810
Data sheet
Feature
Value
Pressure gauge nominal size
40
Connection position
Centered on rear side
Based on norm
DIN EN 837-1
Type of seal on screwed trunnion
Coating
Mounting position
Any
Structural design
Bourdon tube pressure gauge
Symbol
00991463
Display range
-1 bar ... 0 bar
Display range
-30 inchHg ... 0 inchHg
Scale
Double scale
bar (außen)
inch hg (inside)/psi (inside)
Operating pressure
-1 bar ... 0 bar
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Continuous load factor
0.75
Intermittent load factor
0.66
Corrosion resistance class (CRC)
0 - No corrosion stress
Temperature of medium
-20 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
63 g
Measurement accuracy class
2.5
Type of mounting
Screw-in
Pneumatic connection
R1/8
Material of screwed trunnion
Brass
Note on materials
RoHS-compliant
Housing material
ABS
8/11/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - VAM-40-V1/0-R1/8-EN

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAM-40-V1/0-R1/8-E-RG FESTO-VAM-40-V1/0-R1/8-E-RG Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
More results

Similar Description - VAM-40-V1/0-R1/8-EN

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DV0V-30HG-M RALSTON-DV0V-30HG-M_14 Datasheet
500Kb / 2P
Create a vacuum and calibrate pressure devices with included vacuum pump and vacuum gauge
logo
MKS Instruments.
475 MKS-475 Datasheet
273Kb / 4P
Convectron Vacuum Gauge Controller
937B MKS-937B Datasheet
591Kb / 8P
DIGITAL COMBINATION VACUUM GAUGE SYSTEM
943 MKS-943 Datasheet
311Kb / 4P
cold cathode vacuum gauge system
logo
Festo Corporation.
537811 FESTO-537811 Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
537812 FESTO-537812 Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
537813 FESTO-537813 Datasheet
105Kb / 2P
Vacuum gauge
8/11/22
537814 FESTO-537814 Datasheet
99Kb / 2P
Vacuum gauge
8/11/22
547842 FESTO-547842 Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
547843 FESTO-547843 Datasheet
105Kb / 1P
Vacuum gauge
8/11/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com