Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M62705ML Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62705ML
Description  VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62705ML Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62705ML Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62705ML Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62705ML Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M6270X,M6271X,
M6272X,M6273X,M6274XML/SL
(
/ 3 )
980710
MITSUBISHI STANDARD LINEAER IC
VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
t
t
L
H
OUTPUT
UNDEFINED
0.65V
Vs
SUPPLY
VOLTAGE
OUTPUT
STATE
td
td
td : delay time
2
M627X2
M627X4
M627X6
M627X8
M627X3
M627X5
M627X7
M627X9
FUNCTION DIAGRAM
OUTPUT FORM
Built-in Load
Open Collector
ABSOLUTE MAXIMUM RATINGS (Ta=25°C Unless otherwise noted)
Symbol
Parameter
Test condition
Ratings
Unit
ICC
Isink
VO
Pd
K
Topr
Tstg
Supply Voltage
Output Sink Current
Output Voltage
Power Dissipation
Thermal Derating
Operating Temperature
Storage Temperature
3pin SIP
Output with constant current load
3pin FLAT
Ta
≥25°C
3PIN SIP
3PIN FLAT
7
6
VCC
500
7
5
-30 to +85
-40 to +125
V
mA
700
V
mW
mW/°C
°C
°C
0
-
ELECTRICAL CHARACTERISTICS (Ta=25°C, Unless otherwise noted)
Icc
tPd
Circuit Current
µA
Delay Time
Ta=-30~+85
°C
Vs
Detecting Voltage
2.46
V
∆Vs
Vs/
∆T
Hysterisis Voltage
Detecting Voltage Temperature Coefficient
2.58
2.70
50
80
110
0.01
mV
%/°C
M627X2,3
M627X4,5
M627X6,7
M627X8,9
2.74
2.87
3.00
2.28
2.39
2.50
1.64
1.72
1.80
M627X9
Vcc=3.0V
M627X2
M627X3
M627X4
M627X5
M627X6
M627X7
M627X8
Vcc=3.3V
Vcc=2.7V
Vcc=2.0V
M6274X
200
120
30
50
70
ms
M6272X
M6273X
100
60
140
280
Vsat
VOPL
Ioc
VOH
Output Saturetion Voltage
Threshold Operating
Voltage
Output Load Current
Output HIGH Voltage
Vcc=2V,Isink=4mA
Minimum supply
voltage for operation
Built-in Load type
Vo=1/2*Vcc
RL=2.2k
Ω,Vsat≤0.4V
RL=100k
ΩVsat≤0.4V
0.2
0.4
0.7
0.8
0.6
0.7
-40
-25
-17
Vcc
-0.2 Vcc-0.06
V
V
µA
V
Built-in Load type
µA
nA
30
1
Open Collector type
Ta=-30~+85
°C
Output Leak Current
IOH
/ M627X8,9:Vcc=1.6V
M6270X
M6271X
NO OSC
&COUNTER
Built-in OSC &
COUNTER
X=2,3,4
M6270X
M6271X
3
200
µs
80
500
Response Time
Symbol
Parameter
Test condition
Limits
Unit
MIN
TYP
MAX
415
250
230
200
130
275
345
375
395
560
540
510
440
225
370
535
515
350
205
175
320
485
250
105
200
220
340
400
100
120
Vs+
∆Vs
built-in delay circuit type



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com