Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSU200 Datasheet(PDF) 2 Page - Total Power International

Part # HSU200
Description  AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU200 Datasheet(HTML) 2 Page - Total Power International

  HSU200 Datasheet HTML 1Page - Total Power International HSU200 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 2.43Kg (5.35lb.)
TRIPLE OUTPUT
MAIN VO1
@#
AUX. VO2 @▲
AUX. VO3 ●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU200-T050II
(HSU200-32)
20.0A
5.0V
7.0A
12.0V
1.0A
12.0V
HSU200-T050MI
(HSU200-33)
20.0A
5.0V
3.5A
24.0V
1.0A
12.0V
HSU200-T050DI
20.0A
5.0V
18.0A
3.3V
1.0A
12.0V
HSU200-T033EI
25.0A
3.3V
17.0A
5.0V
1.0A
12.0V
QUAD OUTPUT
MAIN VO1
@#
AUX. VO2 @▲
AUX. VO3 ●
AUX. VO4 ●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU200-Q050III
(HSU200-40)
20.0A
+5.0V
6.0A
+12.0V
1.0A
-12.0V
1.0A
+12.0V
HSU200-Q050MII
(HSU200-42)
20.0A
+5.0V
3.0A
+24.0V
1.0A
-12.0V
1.0A
+12.0V
HSU200-Q050DII
20.0A
+5.0V
15.0A
+3.3V
1.0A
-12.0V
1.0A
+12.0V
HSU200-Q033EII
25.0A
+3.3V
14.0A
+5.0V
1.0A
-12.0V
1.0A
+12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. "▲" Magnetic Amplifier. "●" Post Regulator.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
TRIPLE/QUAD OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G
+VO1
+VO2
-VO3 +VO4
DC COM
NC
LOG.
INH.
VO1
S(+)
VO1
S(-)
SYS
Reset
AC
Fail
HSU200-T
P1-28 P1-30 P1-32 P2-4,6,8,10 P2-28,30 P2-16
-
P2-18,20,22,24,26
P1-10,12,14,16,18
20,22,24,26
P1-8 P2-14 P2-32 P1-6
P1-4
HSU200-Q
P1-28 P1-30 P1-32 P2-4,6,8,10 P2-28,30 P2-16 P2-12 P2-18,20,22,24,26
P1,10-12,24,16,18
20,22,24,26
P1-8 P2-14 P2-32 P1-6
P1-4
Mating connector: DIN41612-H15 Female TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com