Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8522GEDS Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8522GEDS
Description  24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8522GEDS Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8522GEDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8522GEDS Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Pre-Production
WM8522
w
PP Rev 3.1 May 2006
21
By default, LRCLK and DIN1/2/3 are sampled on the rising edge of BCLK and should ideally change
on the falling edge. Data sources that change LRCLK and DIN1/2/3 on the rising edge of BCLK can
be supported by setting the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the
inverse of that shown in Figure 13, Figure 14, Figure 15, Figure 16, and Figure 17.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
3
BCP
0
BCLK Polarity (DSP Modes):
0: Normal BCLK polarity
1: Inverted BCLK polarity
The IWL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000011
Interface Control
5:4
IWL
[1:0]
00
Input Word Length:
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: 32-bit right justified mode is not supported.
In all modes, the data is signed 2's complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8522 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that LRCLK is high for a
minimum of 24 BCLKs and low for a minimum of 24 BCLKs.
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com