Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC50LC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRFPC50LC
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFPC50LC Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFPC50LC Datasheet HTML 1Page - Vishay Siliconix IRFPC50LC Datasheet HTML 2Page - Vishay Siliconix IRFPC50LC Datasheet HTML 3Page - Vishay Siliconix IRFPC50LC Datasheet HTML 4Page - Vishay Siliconix IRFPC50LC Datasheet HTML 5Page - Vishay Siliconix IRFPC50LC Datasheet HTML 6Page - Vishay Siliconix IRFPC50LC Datasheet HTML 7Page - Vishay Siliconix IRFPC50LC Datasheet HTML 8Page - Vishay Siliconix IRFPC50LC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFPC50LC
www.vishay.com
Vishay Siliconix
S22-0096-Rev. C, 31-Jan-2022
1
Document Number: 91242
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
FEATURES
• Ultra low gate charge
• Reduced gate drive requirement
• Enhanced 30 V VGS rating
• Reduced Ciss, Coss, Crss
• Isolated central mounting hole
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
DESCRIPTION
This new series of low charge Power MOSFETs achieve
significantly lower gate charge over conventional MOSFETs.
Utilizing advanced Power MOSFET technology the device
improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device improvements combined with the proven
ruggedness and reliability of Power MOSFETs offer the
designer a new standard in power transistors for switching
applications.
The
TO-247AC
package
is
preferred
for
commercial-industrial applications where higher power
levels preclude the use of TO-220AB devices. The
TO-247AC is similar but superior to the earlier TO-218
package because its isolated mounting hole.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11)
b. VDD = 25 V, starting TJ = 25 °C, L = 13 mH, Rg = 25
Ω, IAS = 11 A (see fig. 12)
c. ISD
≤ 11 A, dI/dt ≤ 100 A/μs, VDD ≤ VDS, TJ ≤ 150 °C
d. 1.6 mm from case
PRODUCT SUMMARY
VDS (V)
600
RDS(on) (
Ω)VGS = 10 V
0.60
Qg (max.) (nC)
84
Qgs (nC)
18
Qgd (nC)
36
Configuration
Single
N-Channel MOSFET
G
D
S
TO-247
G
D
S
Available
ORDERING INFORMATION
Package
TO-247AC
Lead (Pb)-free
IRFPC50LCPbF
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
600
V
Gate-source voltage
VGS
± 30
Continuous drain current
VGS at 10 V
TC = 25 °C
ID
11
A
TC = 100 °C
7.3
Pulsed drain current a
IDM
44
Linear derating factor
1.5
W/°C
Single pulse avalanche energy b
EAS
920
mJ
Repetitive avalanche current a
IAR
11
A
Repetitive avalanche energy a
EAR
19
mJ
Maximum power dissipation
TC = 25 °C
PD
190
W
Peak diode recovery dV/dt c
dV/dt
3.0
V/ns
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature)
for 10 s
300 d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m


Similar Part No. - IRFPC50LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPC50LC IRF-IRFPC50LC Datasheet
333Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
logo
Vishay Siliconix
IRFPC50LC VISHAY-IRFPC50LC Datasheet
583Kb / 8P
Power MOSFET
17-Jun-08
logo
International Rectifier
IRFPC50LCPBF IRF-IRFPC50LCPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFPC50LCPBF VISHAY-IRFPC50LCPBF Datasheet
583Kb / 8P
Power MOSFET
17-Jun-08
More results

Similar Description - IRFPC50LC

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com