Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL78L08XM3 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # PL78L08XM3
Description  Low Current Positive Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PL78L08XM3 Datasheet(HTML) 2 Page - Cypress Semiconductor

  PL78L08XM3 Datasheet HTML 1Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 2Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 3Page - Cypress Semiconductor PL78L08XM3 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C517M3
Issued Date : 2003.04.02
Revised Date :
. .
Page No. : 2/4
PL78L08M3
CYStek Product Specification
Electrical Characteristics
Vin=14V, Io=40mA, Tj=25
°C Cin=0.33uF, Cout=0.1uF (unless otherwise noted)
PL78L08A
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
7.76
8
8.24
10.5V
≤Vin≤23V
1mA
≤Io≤40mA
7.76
8
8.24
Vo
Output Voltage
1mA
≤Io≤70mA
7.76
8
8.24
V
Tj=25
°C, 10.5V≤Vin≤23V
-
80
175
∆Vo
Line Regulation
Tj=25
°C, 11V≤Vin≤23V
-
70
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
8
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
15
80
mV
IQ
Quiescent Current
Tj=25
°C
-
2
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
11V
≤Vin≤23V
-
1.5
mA
Vn
Output Noise Voltage Ta=25
°C, 10Hz≤f≤10KHz
-
60
-
uV
∆Vin / ∆Vout Ripple Rejection
11V
≤Vin≤21V, f=120Hz
39
45
-
dB
Isc
Peak Output / Short
-Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V
PL78L08B
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25
°C
7.7
8
8.3
10.5V
≤Vin≤23V
1mA
≤Io≤40mA
7.6
8
8.4
Vo
Output Voltage
1mA
≤Io≤70mA
7.6
8
8.4
V
Tj=25
°C, 10.5V≤Vin≤23V
-
-
175
∆Vo
Line Regulation
Tj=25
°C, 11V≤Vin≤23V
-
-
125
mV
Tj=25
°C, 1mA≤Io≤40mA
-
-
40
∆Vo
Load Regulation
Tj=25
°C, 1mA≤Io≤100mA
-
-
80
mV
IQ
Quiescent Current
Tj=25
°C
-
-
5.5
mA
1mA
≤Io≤40mA
-
-
0.1
∆IQ
Quiescent Current
Change
11V
≤Vin≤23V
-
-
1.5
mA
Vn
Output Noise Voltage Ta=25
°C, 10Hz≤f≤10KHz
-
60
-
uV
∆Vin / ∆Vout Ripple Rejection
11V
≤Vin≤21V, f=120Hz
39
45
-
dB
Isc
Peak Output / Short
-Circuit Current
Tj=25
°C
-
140
-
mA
VD
Dropout Voltage
Tj=25
°C
-
1.7
-
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com