Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 22Page - NXP Semiconductors MMPF0100 Datasheet HTML 23Page - NXP Semiconductors MMPF0100 Datasheet HTML 24Page - NXP Semiconductors MMPF0100 Datasheet HTML 25Page - NXP Semiconductors MMPF0100 Datasheet HTML 26Page - NXP Semiconductors MMPF0100 Datasheet HTML 27Page - NXP Semiconductors MMPF0100 Datasheet HTML 28Page - NXP Semiconductors MMPF0100 Datasheet HTML 29Page - NXP Semiconductors MMPF0100 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 137 page
background image
26
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.3.2.1
VREFDDR control register
The VREFDDR voltage reference is controlled by a single bit in VREFDDCRTL register in Table 20.
6.3.2.1.1
External components
6.3.2.1.2
VREFDDR specifications
Table 20. Register VREFDDCRTL - ADDR 0x6A
Name
Bit #
R/W
Default
Description
UNUSED
3:0
–
0x00
UNUSED
VREFDDREN
4
R/W
0x00
Enable or disables VREFDDR output voltage
• 0 = VREFDDR Disabled
• 1 = VREFDDR Enabled
UNUSED
7:5
–
0x00
UNUSED
Table 21. VREFDDR external components(33)
Capacitor
Capacitance (
μF)
VINREFDDR(34) to VHALF
0.1
VHALF to GND
0.1
VREFDDR
1.0
Notes
33.
Use X5R or X7R capacitors.
34.
VINREFDDR to GND, 1.0
μF minimum capacitance is provided by buck regulator output.
Table 22. VREFDDR electrical characteristics
TMIN to TMAX (See Table 3), VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical external component values, unless otherwise
noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VREFDDR
VINREFDDR
Operating input voltage range
1.2
–
1.8
V
IREFDDR
Operating load current range
0.0
–
10
mA
IREFDDRLIM
Current limit
• IREFDDR when VREFDDR is forced to VINREFDDR/4
10.5
15
25
mA
IREFDDRQ
Quiescent Current
–
8.0
–
μA
(35)
Active mode – DC
VREFDDR
Output voltage
• 1.2 V < VINREFDDR < 1.8 V
• 0.0 mA < IREFDDR < 10 mA
–VINREFDDR/2
–
V
VREFDDRTOL
Output voltage tolerance (TA = -40 °C to 85 °C)
• 1.2 V < VINREFDDR < 1.8 V
• 0.6 mA
≤ IREFDDR ≤ 10 mA
–1.0
–
1.0
%
VREFDDRTOL
Output voltage tolerance (TA = -40 °C to 105 °C), applicable only
to the extended industrial version
• 1.2 V < VINREFDDR < 1.8 V
• 0.6 mA
≤ IREFDDR ≤ 10 mA
–1.2
–
1.2
%
VREFDDRLOR
Load regulation
• 1.0 mA < IREFDDR < 10 mA
• 1.2 V < VINREFDDR < 1.8 V
–0.40–
mV/mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com