Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAZ8024 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # MAZ8024
Description  Silicon planar type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8024 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  MAZ8024 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8024 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Zener Diodes
4
MAZ8300
28.00 30.00 32.00
30_or30-or30^ MAZ3300
MAZ8300-L
28.30 29.00 29.70
2
0.05
23.0
160
2
160
0.5
26.6
2
30_
MAZ3300-L
MAZ8300-M
29.30 30.00 30.80
30-
MAZ3300-M
MAZ8300-H
30.20 31.00 31.80
30^
MAZ3300-H
MAZ8330
31.00 33.00 35.00
33_or33-or33^ MAZ3330
MAZ8330-L
31.20 32.00 32.80
2
0.05
25.0
200
2
200
0.5
29.7
2
33_
MAZ3330-L
MAZ8330-M
32.20 33.00 33.80
33-
MAZ3330-M
MAZ8330-H
33.20 34.00 34.90
33^
MAZ3330-H
MAZ8360
34.00 36.00 38.00
36_or36-or36^ MAZ3360
MAZ8360-L
34.10 35.00 35.90
2
0.05
27.0
250
2
250
0.5
33.0
2
36_
MAZ3360-L
MAZ8360-M
35.10 36.00 36.90
36-
MAZ3360-M
MAZ8360-H
36.10 37.00 37.90
36^
MAZ3360-H
MAZ8390
37.00 39.00 41.00
39_or39-or39^
MAZ8390-L
37.10 38.00 39.00
2
0.05
30.0
300
2
300
0.5
35.6
2
39_
MAZ8390-M
38.00 39.00 40.00
39-
MAZ8390-H
39.00 40.00 41.00
39^
I Electrical characteristics within part numbers (continued) T
a = 25
°C
Part Number
VZ (V)
IR
RZ
RZK
SZ (mV/°C)
IZ
(
µA) V
R
(
Ω)I
Z
(
Ω)I
Z
IZ
Min
Nom Max (mA) Max
(V)
Max (mA) Max (mA)
Typ (mA)
Ptot  Ta
0
0
200
160
120
80
40
50
100
150
200
250
Ambient temperature T
a
(
°C)
Heat sink
Copper foil
0.8 mm
× 0.8 mm
IZ  VZ
0.001
02468
10
12
0.01
0.1
1
10
0.005
0.05
0.5
5
50
100
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Charac-
teristics
IZ  VZ
0.001
0
1020304050
60
0.01
0.1
1
10
0.005
0.05
0.5
5
50
100
Zener voltage V
Z
(V)
Ta
= 25°C
Static
Charac-
teristics
MAZ8000 Series
Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25°C.
2. The zener voltage temperature coefficient is the one for Tj = 25°C to 150°C.
Conventional
products
Marking
Symbol
Temperature
coefficient of
zener voltage
Zener voltage
Reverse current
Operating resistance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com