Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI7102DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7102DN
Description  N-Channel 12-V (D-S) MOSFETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7102DN Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7102DN Datasheet HTML 1Page - Vishay Siliconix SI7102DN Datasheet HTML 2Page - Vishay Siliconix SI7102DN Datasheet HTML 3Page - Vishay Siliconix SI7102DN Datasheet HTML 4Page - Vishay Siliconix SI7102DN Datasheet HTML 5Page - Vishay Siliconix SI7102DN Datasheet HTML 6Page - Vishay Siliconix SI7102DN Datasheet HTML 7Page - Vishay Siliconix SI7102DN Datasheet HTML 8Page - Vishay Siliconix SI7102DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 74250
S-83044-Rev. B, 22-Dec-08
Vishay Siliconix
Si7102DN
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Maximum under Steady State conditions is 81 °C/W.
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, b
t
≤ 10 s
RthJA
24
33
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
12
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 3.1
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.4
1.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 12 V, VGS = 0 V
1
µA
VDS = 12 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 15 A
0.0031
0.0038
Ω
VGS = 2.5 V, ID = 10 A
0.0037
0.0047
Forward Transconductancea
gfs
VDS = 5 V, ID = 15 A
110
S
Dynamicb
Input Capacitance
Ciss
VDS = 6 V, VGS = 0 V, f = 1 MHz
3720
pF
Output Capacitance
Coss
1290
Reverse Transfer Capacitance
Crss
840
Total Gate Charge
Qg
VDS = 6 V, VGS = 8 V, ID = 10 A
73
110
nC
VDS = 6 V, VGS = 4.5 V, ID = 10 A
41
62
Gate-Source Charge
Qgs
4.5
Gate-Drain Charge
Qgd
8.5
Gate Resistance
Rg
f = 1 MHz
1.4
2.1
Ω
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 1.2 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
27
41
ns
Rise Time
tr
125
190
Turn-Off Delay Time
td(off)
53
80
Fall Time
tf
12
18
Turn-On Delay Time
td(on)
VDD = 6 V, RL = 1.2 Ω
ID ≅ 5 A, VGEN = 8 V, Rg = 1 Ω
16
25
Rise Time
tr
55
85
Turn-Off Delay Time
td(off)
53
80
Fall Time
tf
915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com