Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPAC175P Datasheet(PDF) 2 Page - Total Power International

Part # TPAC175P
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC HOT-SWAP CompactPCI QUAD OUTPUT 175 WATTS CURRENT SHARING SWITCHING POWER SUPPLIES TPAC175P & TPAC175D SE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC175P Datasheet(HTML) 2 Page - Total Power International

  TPAC175P Datasheet HTML 1Page - Total Power International TPAC175P Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
QUAD OUTPUT
MAIN +VO1 @ #=⊙
AUX. +VO2 ▲ #=⊙@
AUX. +VO3▲=⊙(@)
AUX. +VO4 ● =⊙
MODEL NO.
Min. Typ. Volt. Max.
Typ.
Volt.
Max.
Typ.
Volt.
Max. Peak Typ. Volt. Max. Peak
TPAC175P-490(E) 2.0A 20A +5V 35A
10A
+3.3V
20A
3.0A +12V #
5.0A
6A 0.5A -12V 1.0A 1.0A
TPAC175P-490(O) 2.0A 20A +5V 35A
10A
+3.3V
20A
3.0A +12V #
5.0A
6A 0.5A -12V 1.0A 1.0A
TPAC175D-490(O) 2.0A 20A +5V 35A
10A
+3.3V
20A
3.0A +12V
5.0A
6A 0.5A -12V 1.0A 1.0A
Symbol: " " OVP built-in. "@" Adjustable. "(@)" Adjustable factory set. "#" Remote sensing. "=" Droop Load Sharing. "⊙" Installed with Or-ing diode.
"▲" Magnetic Amplifier. "●" Installed with Post Regulator.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0g (23.5 Oz.)
INPUT & OUTPUT
CONNECTORS
PIN ASSIGNMENT
ASSIGNMENT
PIN NO.
AC-L
47
AC-N
46
AC-GND
45
VO1
1,2,3,4.
VO1 S +
30
VO1 S -
34
VO2
13, 14, 15,
16, 17, 18.
VO2 S+
33
VO3
20
VO3 S+
36
VO4
21
DC COM
5, 6, 7, 8, 9, 10,
11, 12, 19 ,24.
EN#
27
DEG #
38
INH #
39
FAL #
42
Mating connector: PCIH47F400A1
TPAC175P
INPUT & OUTPUT
CONNECTORS
PIN ASSIGNMENT
ASSIGNMENT
PIN NO.
AC-L
B2
AC-N
B5
AC-GND
B11
VO1
B22
VO1 S +
A17
VO1 S -
A16
VO2
B13,14,15,16,
17,18.
VO2 S+
A18
VO3
B19
VO4
B20
DC COM
B25
EN#
C13
DEG #
C14
INH #
A14
FAL #
C15
Mating connector: DIN 41612 M24/8-F
TPAC175D
TPAC175P-490(E)
TPAC175P-490(O)
TPAC175D-490(O)
TOTAL POWER, INT. Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com