Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBASMA0204 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # MBASMA0204
Description  Professional Metal Film Leaded Resistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBASMA0204 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button MBASMA0204 Datasheet HTML 7Page - Vishay Siliconix MBASMA0204 Datasheet HTML 8Page - Vishay Siliconix MBASMA0204 Datasheet HTML 9Page - Vishay Siliconix MBASMA0204 Datasheet HTML 10Page - Vishay Siliconix MBASMA0204 Datasheet HTML 11Page - Vishay Siliconix MBASMA0204 Datasheet HTML 12Page - Vishay Siliconix MBASMA0204 Datasheet HTML 13Page - Vishay Siliconix MBASMA0204 Datasheet HTML 14Page - Vishay Siliconix MBASMA0204 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 11-Jul-2018
13
Document Number: 28766
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
(1) For 7.5
 M < 10.0 mm, use version MBB/SMA 0207 ... L0 (welding joint not lacquered)
MBB/SMA 0207 WITH RADIAL TAPING
LEAD SPACING (UB = 2.5 mm), SIZE 0207
LEAD SPACING (RB = 5.0 mm), SIZE 0207
DIMENSIONS - Leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax.
(mm)
Lmax.
(mm)
dnom.
(mm)
lmin.
(mm)
Mmin.
(mm)
MASS
(mg)
MBA/SMA 0204
1.6
3.6
0.5
29.0
5.0
125
MBB/SMA 0207 (1)
2.5
6.5
0.6
28.0
10.0 (1)
220
MBE/SMA 0414
4.2
11.9
0.8
31.0
15.0
700
M
I
L
d
D
L
H
C
H
1
F
P
3 max.
Insulated
W
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
2.5 + 0.6 / - 0.1
Width of carrier tape
W
18.0 + 1.0 / - 0.5
Body to hole center
H
18.0 ± 2.0
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0 / - 0.5
Height for insertion (max.)
H1
32
H
1
L
H
C
P
F
H
0
W
Insulated
3 max.
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
5.0 + 0.6 / - 0.1
Width of carrier tape
W
18.0 + 1.0 / - 0.5
Body to hole center
H
18.0 ± 2.0
Lead crimp to hole center
H0
16.0 ± 0.5
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0 / - 0.5
Height for insertion (max.)
H1
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com