Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS0402AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCS0402AT
Description  Precision Thin Film Chip Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS0402AT Datasheet(HTML) 2 Page - Vishay Siliconix

  MCS0402AT_V01 Datasheet HTML 1Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 2Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 3Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 4Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 5Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 6Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 7Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 8Page - Vishay Siliconix MCS0402AT_V01 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCS 0402 AT, MCT 0603 AT, MCU 0805 AT, MCA 1206 AT - Precision
www.vishay.com
Vishay Beyschlag
Revision: 05-Oct-2021
2
Document Number: 28785
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
Please
consider
the
application
note
“Thermal
Management
in
Surface-Mounted
Resistor
Applications”
(www.vishay.com/doc?28844) for information on the general nature of thermal resistance.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime.
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance
Note
(1) For the approved IECQ-CECC resistance range, please refer to www.vishay.com/doc?28945
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
STANDARD
POWER
Rated dissipation,
P70
MCS 0402 AT
0.063 W
0.100 W
MCT 0603 AT
0.100 W
0.125 W
MCU 0805 AT
0.125 W
0.200 W
MCA 1206 AT
0.250 W
0.400 W
Operating temperature range
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
125 °C
155 °C
Max. resistance change at
P70
for resistance range, |
ΔR/R| after:
MCS 0402 AT
47
Ω to 1 MΩ
47
Ω to 1 MΩ
MCT 0603 AT
47
Ω to 2 MΩ
47
Ω to 2 MΩ
MCU 0805 AT
47
Ω to 7.5 MΩ
47
Ω to 7.5 MΩ
MCA 1206 AT
47
Ω to 10 MΩ
47
Ω to 10 MΩ
1000 h
≤ 0.1 %
≤ 0.2 %
8000 h
≤ 0.2 %
≤ 0.4 %
225 000 h
≤ 0.6 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE (1)
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
MCS 0402 AT
± 25 ppm/K
± 0.1 %
47
Ω to 1 MΩ
E24; E192
± 15 ppm/K
47
Ω to 100 kΩ
± 10 ppm/K
47
Ω to 10 kΩ
MCT 0603 AT
± 25 ppm/K
± 0.1 %
47
Ω to 2 MΩ
E24; E192
± 15 ppm/K
47
Ω to 221 kΩ
± 10 ppm/K
47
Ω to 100 kΩ
± 5 ppm/K
3.9 k
Ω to 100 kΩ
MCU 0805 AT
± 25 ppm/K
± 0.1 %
47
Ω to 7.5 MΩ
E24; E192
± 15 ppm/K
47
Ω to 332 kΩ
± 10 ppm/K
47
Ω to 33.2 kΩ
MCA 1206 AT
± 25 ppm/K
± 0.1 %
47
Ω to 10 MΩ
E24; E192
± 15 ppm/K
47
Ω to 511 kΩ
± 10 ppm/K
47
Ω to 43.2 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com