Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PATT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PATT
Description  Precision Automotive High Temperature (155 °C at Full Rated Power) Thin Film Chip Resistor, AEC-Q200 Qualified
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PATT Datasheet(HTML) 2 Page - Vishay Siliconix

  PATT Datasheet HTML 1Page - Vishay Siliconix PATT Datasheet HTML 2Page - Vishay Siliconix PATT Datasheet HTML 3Page - Vishay Siliconix PATT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PATT
www.vishay.com
Vishay Dale Thin Film
Revision: 08-Mar-2021
2
Document Number: 60124
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
CASE SIZE
L
W
T
D
E
0402
0.042 ± 0.008
0.022 ± 0.005
0.015 ± 0.003
0.010 ± 0.005
0.010 ± 0.005
0603
0.064 ± 0.006
0.032 ± 0.005
0.015 ± 0.003
0.012 ± 0.005
0.015 ± 0.005
0805
0.080 ± 0.006
0.050 ± 0.005
0.015 ± 0.003
0.016 ± 0.008
0.015 ± 0.005
1206
0.126 ± 0.008
0.063 ± 0.005
0.015 ± 0.003
0.020 + 0.005 / - 0.01
0.020 + 0.005 / -0.01
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST
CONDITIONS
TYPICAL VISHAY PERFORMANCE
High temperature storage
MIL-STD-202 method 108, 1000 h at 125 °C
± 0.05 %
Temperature cycling
JESD22 method JA-104, 1000 cycles,
-55 °C to +155 °C
± 0.115 %
Moisture resistance
MIL-STD-202 method 106
± 0.017 %
Biased humidity
MIL-STD-202 method 103, 1000 h at 85 °C, 85 % RH,
10 % rated power
± 0.133 %
Life
MIL-STD-202 method 108,
1000 h at 155 °C
± 0.20 % at 100 % rated power and 155 °C.
Effective film temperature is 200 °C.
Mechanical shock
MIL-STD-202 method 213, condition C
± 0.008 %
Vibration
MIL-STD-202 method 204, 10 Hz to 2 kHz
± 0.008 %
Resistance to soldering heat
MIL-STD-202 method 210, condition B
± 0.09 %
Electrostatic discharge
AEC-Q200-002, human body
(< 1 k
Ω: 1 kV; > 1 kΩ: 2 kV)
± 0.10 % at 2 kV
Solderability
MIL-STD-883 method 2003 para 2.3.1 and J-STD-002
Pass
Die shear
MIL-PRF-55342
Pass
Flame retardance
AEC-Q200-001 para 4.0
Pass
MECHANICAL SPECIFICATIONS
Resistive element
Tantalum nitride
Substrate material
Alumina
Terminations
Gold (10 μin. min.) over nickel (50 μin. min.)
DERATING CURVE
D
L
E
T
W
L
DT
10
100
1000
10000
0
20
40
60
80
100
-55
0
50
100
200
250
Axis Title
Ambient Temperature (°C)
155



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com