Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPSA600-D-R240-FB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LPSA600-D-R240-FB
Description  Power Resistor for Mounting Onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPSA600-D-R240-FB Datasheet(HTML) 3 Page - Vishay Siliconix

  LPSA600-D-R240-FB Datasheet HTML 1Page - Vishay Siliconix LPSA600-D-R240-FB Datasheet HTML 2Page - Vishay Siliconix LPSA600-D-R240-FB Datasheet HTML 3Page - Vishay Siliconix LPSA600-D-R240-FB Datasheet HTML 4Page - Vishay Siliconix LPSA600-D-R240-FB Datasheet HTML 5Page - Vishay Siliconix LPSA600-D-R240-FB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LPSA 600
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
3
Document Number: 50077
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDATIONS FOR MOUNTING ONTO A HEATSINK
• Surfaces in contact must be carefully cleaned.
• The heatsink must have an acceptable flatness: from 0.05 mm to 0.1 mm/100 mm.
• Roughness of the heatsink must be around 6.3 μm. In order to improve thermal conductivity, surfaces in contact (alumina,
heatsink) should be coated with a silicone grease (type Bluesil Past 340 from BlueStar Silicones) or a thermal film (type Q
pad II) easier and faster to install than the grease.
• The fastening of the resistor to the heatsink is under pressure control of two screws tightened at 2 Nm for full power
availability.
• The following accessories are supplied with each product:
- 2 screws CHC M4 x 25 class 8.8 and 2 M4 contact lock washers for heatsink mounting
- 2 screws TH M4 x 6/6 and 2 M4 contact lock washers for connections
CHOICE OF THE HEATSINK
The user must choose the heatsink according to the working conditions of the component (power, room temperature).
Maximum working temperature must not exceed 155 °C. The dissipated power is simply calculated by the following ratio:
P:
expressed in W
ΔT:
difference between maximum working temperature and room temperature
RTH (j - c): thermal resistance value measured between resistive layer and outer side of the resistor.
It is the thermal resistance of the component: (see specifications environmental paragraph).
RTH (c - h): thermal resistance value measured between outer side of the resistor and upper side of the heatsink.
This is the thermal resistance of the interface (grease, thermal pad), and the quality of the fastening device.
RTH (h - a): thermal resistance of the heatsink.
Example:
RTH (c - a) for LPSA 600 power dissipation 180 W at +50 °C room temperature.
ΔT ≤ 155 °C - 50 °C = 105 °C
RTH (j - c) + RTH (c - h) + RTH (h - a) =
=
= 0.58 °C/W
RTH (j - c) = 0.112 °C/W
RTH (c - h) + RTH (h - a) = 0.58 °C/W - 0.112 °C/W = 0.468 °C/W
OVERLOADS
In any case the applied voltage must be lower than UL = 5000 V.
Short time overload: 2 x Pr/10 s
Accidental overload: The values indicated on the following graph are applicable to resistors in air or mounted onto a heatsink.
Tightening Torque on Heatsink
LPSA 600
2 Nm
P
ΔT
R
TH (j - c)
R
TH (c - h)
R
TH (h - a)
++
-------------------------------------------------------------------------------------------
=
ΔT
P
-------
105
180
--------



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com