Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PR02
Description  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR02 Datasheet(HTML) 1 Page - Vishay Siliconix

  PR02 Datasheet HTML 1Page - Vishay Siliconix PR02 Datasheet HTML 2Page - Vishay Siliconix PR02 Datasheet HTML 3Page - Vishay Siliconix PR02 Datasheet HTML 4Page - Vishay Siliconix PR02 Datasheet HTML 5Page - Vishay Siliconix PR02 Datasheet HTML 6Page - Vishay Siliconix PR02 Datasheet HTML 7Page - Vishay Siliconix PR02 Datasheet HTML 8Page - Vishay Siliconix PR02 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
1
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Film Leaded Resistors
DESIGN SUPPORT TOOLS
DESCRIPTION
A homogeneous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting wires of electrolytic
copper or copper-clad iron are welded to the end-caps. The
resistors are coated with a red, non-flammable lacquer
which
provides
electrical,
mechanical
and
climatic
protection. This coating is not resistant to aggressive fluxes
and cleaning solvents. The encapsulation is resistant to all
cleaning solvents in accordance with IEC 60068-2-45.
FEATURES
• High power in small packages (1 W / 0207 size
to 3 W / 0617 size)
• Defined fusing characteristics
• Technology: metal film
• Meets
active
and
passive
flammability
requirements as defined in IEC 60115-1
• AEC-Q200 qualified (PR01 and PR02)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• All general purpose power applications
• Automotive electronics
• Lighting ballast
Notes
(1) R value is measured with probe distance of 24 mm ± 1 mm using 4-terminal method
(2) 1 % tolerance is available for Rn-range from 1  upwards
click logo to get started
Available
Models
TECHNICAL SPECIFICATIONS
DESCRIPTION
PR01
PR02
Cu-lead
PR02
FeCu-lead
PR03
Cu-lead
PR03
FeCu-lead
DIN size
0207
0411
0411
0617
0617
Resistance range (1)
0.22
 to 1 M
0.33
 to 1 M
1
 to 1 M
0.68
 to 1 M
1
 to 1 M
Resistance tolerance (2)
± 1 %; ± 5 %
± 1 %; ± 5 %
± 1 %; ± 5 %
± 1 %; ± 5 %
± 1 %; ± 5 %
Temperature coefficient
± 250 ppm/K
± 250 ppm/K
± 250 ppm/K
± 250 ppm/K
± 250 ppm/K
Rated dissipation, P70
1
 R
1 W
2 W
1.3 W
3 W
2.5 W
R < 1
0.6 W
1.2 W
-
1.6 W
-
Thermal resistance (Rth)
135 K/W
75 K/W
115 K/W
60 K/W
75 K/W
Operating voltage, Umax. AC/DC
350 V
500 V
500 V
750 V
750 V
E-series
E24, E96 (± 1 %); E24 (± 5 %)
Basic specification
IEC 60115-1
Stability after:
Endurance test (1000 h, P70)
R max.: ± (5 % R + 0.1 )
Damp heat test (56 days)
R max.: ± (3 % R + 0.1 )
Soldering (10 s, 260 °C)
R max.: ± (1 % R + 0.05 )


Similar Part No. - PR02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR02 VISHAY-PR02 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
PR02 VISHAY-PR02 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
01-Mar-16
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
07-Nov-17
PR02 VISHAY-PR02 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
11-Jul-2018
More results

Similar Description - PR02

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
radial metal film leaded resistors
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
Power Metal Film Leaded Resistors
14-Oct-09
PR02000201008JA100 VISHAY-PR02000201008JA100 Datasheet
209Kb / 16P
Power Metal Film Leaded Resistors
24-Jun-13
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
Standard Metal Film Leaded Resistors
06-Aug-10
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
PRECISION METAL FILM LEADED RESISTORS
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
Standard Metal Film Leaded Resistors
28-Oct-15
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
Professional Metal Film Leaded Resistors
11-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com