Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR25 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VR25
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25 Datasheet(HTML) 2 Page - Vishay Siliconix

  VR25 Datasheet HTML 1Page - Vishay Siliconix VR25 Datasheet HTML 2Page - Vishay Siliconix VR25 Datasheet HTML 3Page - Vishay Siliconix VR25 Datasheet HTML 4Page - Vishay Siliconix VR25 Datasheet HTML 5Page - Vishay Siliconix VR25 Datasheet HTML 6Page - Vishay Siliconix VR25 Datasheet HTML 7Page - Vishay Siliconix VR25 Datasheet HTML 8Page - Vishay Siliconix VR25 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
2
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) See table “Temperature Coefficient and Resistance Range” for selecting correct ohmic value - tolerance combination
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE
E-SERIES
VR25
≤ ± 200 ppm/K
± 1 %
100 k
Ω to 15 MΩ
E24; E96
± 5 %
100 k
Ω to 22 MΩ
E24; E96
± 10 %
15 M
Ω to 22 MΩ
E24
VR37
± 1 %
100 k
Ω to 33 MΩ
E24; E96
± 5 %
100 k
Ω to 33 MΩ
E24
VR68
± 1 %
100 k
Ω to 68 MΩ
E24; E96
± 5 %
100 k
Ω to 68 MΩ
E24
PACKAGING
TYPE
CODE QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING DIMENSIONS
VR25
A1
1000
Taped according to IEC 60286-1 fan-folded in a box
53 mm
5 mm
75 mm x 31 mm x 260 mm
A5
5000
53 mm
5 mm
76 mm x 105 mm x 265 mm
N4
4000
Taped according to IEC 60286-2 fan-folded in a box
-
12.7 mm
48 mm x 253 mm x 330 mm
R5
5000
Taped according to IEC 60286-1 on a reel
53 mm
5 mm
93 mm x 300 mm x 298 mm
VR37
A1
1000
Taped according to IEC 60286-1 fan-folded in a box
53 mm
5 mm
72 mm x 60 mm x 258 mm
R5
5000
Taped according to IEC 60286-1 on a reel
53 mm
5 mm
90 mm x 375 mm x 375 mm
VR68
AC
500
Taped according to IEC 60286-1 fan-folded in a box
66 mm
10 mm
82 mm x 111 mm x 256 mm
RD
750
Taped according to IEC 60286-1 on a reel
66 mm
10 mm
105 mm x 315 mm x 305 mm
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: VR25000001003FA100
TYPE / SIZE
VARIANT
TCR
RESISTANCE
TOLERANCE (1)
PACKAGING
SPECIAL
VR25000 = VR25
VR37000 = VR37
VR68000 = VR68
0 = neutral
0 = standard
3 digit value
1 digit multiplier
MULTIPLIER
3 = *103
4 = *104
5 = *105
F = ± 1 %
J = ± 5 %
K = ± 10 %
A1
AC
A5
RD
R5
N4
00 = standard
PRODUCT DESCRIPTION: VR25 1 % A1 100K
VR25
1 %
A1
100K
TYPE / SIZE
TOLERANCE
PACKAGING
RESISTANCE
VR25
VR37
VR68
± 1 %
± 5 %
± 10 %
A1
AC
A5
RD
R5
N4
100K = 100 k
Ω
15M = 15 M
Ω
V
R
5
0
0
0
0
0
1
0
0
3
F
A
1
0
0
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com