Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR37 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VR37
Description  High Ohmic / High Voltage Metal Glaze Leaded Resistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR37 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VR37 Datasheet HTML 2Page - Vishay Siliconix VR37 Datasheet HTML 3Page - Vishay Siliconix VR37 Datasheet HTML 4Page - Vishay Siliconix VR37 Datasheet HTML 5Page - Vishay Siliconix VR37 Datasheet HTML 6Page - Vishay Siliconix VR37 Datasheet HTML 7Page - Vishay Siliconix VR37 Datasheet HTML 8Page - Vishay Siliconix VR37 Datasheet HTML 9Page - Vishay Siliconix VR37 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VR25, VR37, VR68
www.vishay.com
Vishay BCcomponents
Revision: 02-Jun-2022
8
Document Number: 28907
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
VR25 WITH RADIAL TAPING
Lead Spacing (F = 4.8 mm), Size 0207
10.4
78 (Cab)
Damp heat
(steady state)
56 days; 40 °C;
90 % to 95 % RH; loaded with 0.01 P70
(steps: 0 V to 100 V)
ΔR max.: ± 1.5 % R
7.1
Endurance (at 70 °C)
1000 h; loaded with P70 or Umax.;
1.5 h ON and 0.5 h OFF
ΔR max.: ± 1.5 % R
12.3
Active flammability
“cheese-cloth test”
Steps of:
5 / 10 / 16 / 25 / 40 x P70 duration 5 min
VR25: no flaming of
gauze cylinder
VR68: no flaming of
gauze cylinder
12.4
Passive flammability
“needle-flame test”
Application of test flame for 20 s
No ignition of product;
no ignition of under-layer;
burning time less than 30 s
DIMENSIONS - Leaded resistor types, mass, and relevant physical dimensions
TYPE
Ø Dmax. (mm)
L1 max. (mm)
L2 max. (mm)
Ø d (mm)
MASS (mg)
VR25
2.5
6.5
7.5
0.58 ± 0.05
212
VR37
4.0
9.0
12.0
0.70 ± 0.03
457
VR68
6.8
18.0
19.0
0.78 ± 0.05
1690
TESTS PROCEDURES AND REQUIREMENTS
IEC 60115-1
CLAUSE
IEC 60068-2
TEST METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE
(
ΔRmax.)
L
1
d
D
L
2
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H
α = 30° to 40°
α
α
a
a
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
4.8 + 0.7 / - 0.0
Width of carrier tape
W
18.0 ± 0.5
Body to hole center
H
19.5 ± 1.0
Height for cutting (max.)
L
11
Height for bending
H0
16.5 ± 0.5
Component height (max.)
H1
29



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com