Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSBS8518...80 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSBS8518...80
Description  Power Metal Strip® Shunt Resistor With Three Sense Pins,Sn Plated Terminals, Very Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSBS8518...80 Datasheet(HTML) 2 Page - Vishay Siliconix

  WSBS8518...80 Datasheet HTML 1Page - Vishay Siliconix WSBS8518...80 Datasheet HTML 2Page - Vishay Siliconix WSBS8518...80 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSBS8518...80
www.vishay.com
Vishay Dale
Revision: 12-Mar-2021
2
Document Number: 30391
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches (millimeters)
Notes
• Plating on top / bottom is Sn 2.5 μm to 8.0 μm over Ni 0.5 μm to 4.0 μm, edges are not plated
• Minimum pull strength of sense pins is 200 N
DERATING
PULSE CAPABILITY
www.vishay.com/resistors/large-shunt-power-metal-strip-calculator/
[2 ± 0.05]
0.079 ± 0.002
Punch radius
this side
[85 ± 0.4]
3.346 ± 0.016
Calibration notch
0.00 to 0.160 deep
[18 ± 0.2]
0.708 ± 0.008
[3 ± 0.05]
0.118 ± 0.002
[7 ± 0.13]
Ø 0.276 ± 0.005
[2 ± 0.4]
0.078 ± 0.016 x 45° typ.
A
[7.87 ± 0.4]
0.310 ± 0.016
[60 ± 0.30]
2.362 ± 0.012
D
0.012 [0.3]
C
0.020 [0.5]
B
C
0.016 [0.4]
D
[5.6 ± 0.3]
0.220 ± 0.012
C
0.016 [0.4]
D
D
C
RESISTANCE
VALUE (μ
Ω)
ELEMENT
MATERIAL
A
REFERENCE
B
± 0.005 (± 0.13)
50
Mn-Cu
0.145 (3.68)
0.135 (3.43)
100
Mn-Cu
0.360 (9.14)
0.495 (12.57)
125
Mn-Cu
0.480 (12.19)
0.585 (14.86)
TOLERANCES ON DECIMALS
.xxx ± 0.005 (.x ± 0.1)
UNLESS OTHERWISE LISTED
10
100
1000
10000
0
20
40
60
80
100
120
-50
-65
-25
0
25
50
100 125 150 175
Axis Title
Ambient Temperature (°C)
70
IILLLL
US
TR
AT
AA
IVE
PU
RRPP
OS
EESS
O
ON
LYY
LLLL
click to get started
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
Thermal shock
-55 °C to +150 °C, 1000 cycles, 15 min at each extreme
± 0.5 %
ΔR
Short time overload
5 x rated power for 5 s
± 0.5 %
ΔR
10 x rated power for 5 s
± 1.0 %
ΔR
Low temperature storage
-65 °C for 24 h
± 0.5 %
ΔR
High temperature exposure
1000 h at +170 °C
± 1.0 %
ΔR
Bias humidity
+85 °C, 85 % RH, 10 % bias, 1000 h
± 0.5 %
ΔR
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.5 %
ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.5 %
ΔR
Load life
1000 h at +70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 1.0 %
ΔR
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.5 %
ΔR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com