Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSBS8518...P3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSBS8518...P3
Description  Power Metal Strip® Battery Shunt Resistor With M3 Tapped Holes and Sn Plated Terminals, Very Low Value
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSBS8518...P3 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSBS8518...P3 Datasheet HTML 1Page - Vishay Siliconix WSBS8518...P3 Datasheet HTML 2Page - Vishay Siliconix WSBS8518...P3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WSBS8518...P3
www.vishay.com
Vishay Dale
Revision: 26-Feb-2019
1
Document Number: 30392
For technical questions, contact: ww2cresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Battery Shunt Resistor With M3 Tapped Holes
and Sn Plated Terminals, Very Low Value
(50 μ
, 100 μ, 125 μ, and 250 μ)
DESIGN SUPPORT TOOLS AVAILABLE
FEATURES
• High power to resistor size ratio
• Proprietary
processing
technique
produces
extremely low resistance values
• Tapped holes aid in PCB mounting and / or a
location to attach voltage sense pins
• Sn plating assists with PCB mounting and
corrosion protection
• All welded construction
• Very low inductance (< 5 nH)
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Other values may be available, contact factory
33
DD3 D
3D Models
Design Tools
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
± %
RESISTANCE VALUE
RANGE
RESISTANCE VALUES
CURRENTLY AVAILABLE (1)
WEIGHT
(typical)
g
WSBS8518…P3
8518
36
5, 10
50μ to 250μ
50μ, 100μ, 125μ, 250μ
50μ = 37.9,
100μ / 125μ = 36.5,
250μ = 33.7
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
Temperature coefficient
ppm/°C
± 200 for 50 μ
± 175 for 100 μ
, 125 μ
± 110 for 250 μ
Temperature coefficient (element material)
ppm/°C
± 20
Operating temperature range
°C
-65 to +170
Maximum current rating
A
(P/R)1/2
GLOBAL PART NUMBER INFORMATION
GLOBAL PART NUMBERING: WSBS8518L1000JTP3 (WSBS8518-P3, 0.000100
, ± 5 %, tray pack)
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING CODE
SPECIAL
WSBS8518
L = m
L0500 = 0.000050
L1000 = 0.000100

L1250 = 0.000125

L2500 = 0.000250

J = ± 5 %
K = ± 10 %
K = bulk pack
T = tray pack
P3 = M3 tapped holes
with plated terminals
W
S
B
S
8
5
1
8
L
1
0
0
0
J
T
P
3


Similar Part No. - WSBS8518...P3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS8518...14 VISHAY-WSBS8518...14 Datasheet
116Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Sn Plated, Very Low Value (50 μΩ , 100 μΩ , 125 μΩ , and 250 μΩ )
15-Feb-17
WSBS8518...60 VISHAY-WSBS8518...60 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Two Sense Pins and Sn Plated Terminals, Very Low Value
22-Jun-2021
WSBS8518...80 VISHAY-WSBS8518...80 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Three Sense Pins,Sn Plated Terminals, Very Low Value
12-Mar-2021
More results

Similar Description - WSBS8518...P3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSBS8518 VISHAY-WSBS8518 Datasheet
119Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 µΩ and 125 µΩ)
01-Feb-08
WSBS8518L1000JTM3 VISHAY-WSBS8518L1000JTM3 Datasheet
87Kb / 3P
Power Metal Strip® Battery Shunt Resistor With M3 Tapped Holes Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
11-Apr-17
WSBS8518P3 VISHAY-WSBS8518P3 Datasheet
108Kb / 3P
Power Metal Strip® Battery Shunt Resistor With M3 Tapped Holes and Sn Plated Terminals, Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
26-Feb-2019
WSBS8518M4 VISHAY-WSBS8518M4 Datasheet
88Kb / 3P
Power Metal Strip® Battery Shunt Resistor With M4 Tapped Holes Very Low Value (50 μΩ, 100 μΩ, 125 μΩ, and 250 μΩ)
11-Apr-17
WSBS5216...14 VISHAY-WSBS5216...14 Datasheet
94Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ), Sn Plated
14-Oct-2021
WSBS5216 VISHAY-WSBS5216_V01 Datasheet
93Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value (100 μΩ)
14-Oct-2021
WSBS8518...60 VISHAY-WSBS8518...60 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Two Sense Pins and Sn Plated Terminals, Very Low Value
22-Jun-2021
WSBS8518...80 VISHAY-WSBS8518...80 Datasheet
108Kb / 3P
Power Metal Strip® Shunt Resistor With Three Sense Pins,Sn Plated Terminals, Very Low Value
12-Mar-2021
WSBS8518 VISHAY-WSBS8518_V01 Datasheet
99Kb / 3P
Power Metal Strip® Battery Shunt Resistor, Very Low Value
15-Nov-2019
WSBS8518P4 VISHAY-WSBS8518P4_V01 Datasheet
109Kb / 3P
Power Metal Strip® Battery Shunt Resistor With M4 Tapped Holes and Sn Plated Terminals, Very Low Value
26-Feb-2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com