Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPSA300-D-R240-JB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LPSA300-D-R240-JB
Description  Power Resistor for Mounting Onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPSA300-D-R240-JB Datasheet(HTML) 4 Page - Vishay Siliconix

  LPSA300-D-R240-JB Datasheet HTML 1Page - Vishay Siliconix LPSA300-D-R240-JB Datasheet HTML 2Page - Vishay Siliconix LPSA300-D-R240-JB Datasheet HTML 3Page - Vishay Siliconix LPSA300-D-R240-JB Datasheet HTML 4Page - Vishay Siliconix LPSA300-D-R240-JB Datasheet HTML 5Page - Vishay Siliconix LPSA300-D-R240-JB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LPSA 300
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
4
Document Number: 50076
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENERGY CURVE
POWER CURVE
POWER RATING
The temperature of the case should be maintained within the limits specified in the following figure.
To optimize the thermal conduction, contacting surfaces should be coated with silicone grease or thermal film, and heatsink
mounting screws tightened to 2 Nm.
10
100
1000
10000
0.1
1
10
100
1000
10 000
0.0001
0.001
0.01
0.1
1
10
100
1000
Axis Title
Overload Duration (ms)
10
100
1000
10000
1
10
100
1000
10 000
0.0001
0.001
0.01
0.1
1
10
100
1000
Axis Title
Overload Duration (ms)
10
100
1000
10000
0
20
40
60
80
100
050
100
150
200
Axis Title
Bottom Case Temperature (°C)
85
120



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com