Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPSA600-D-R240-JB Datasheet(PDF) 5 Page - Vishay Siliconix

Part # LPSA600-D-R240-JB
Description  Power Resistor for Mounting Onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPSA600-D-R240-JB Datasheet(HTML) 5 Page - Vishay Siliconix

  LPSA600-D-R240-JB Datasheet HTML 1Page - Vishay Siliconix LPSA600-D-R240-JB Datasheet HTML 2Page - Vishay Siliconix LPSA600-D-R240-JB Datasheet HTML 3Page - Vishay Siliconix LPSA600-D-R240-JB Datasheet HTML 4Page - Vishay Siliconix LPSA600-D-R240-JB Datasheet HTML 5Page - Vishay Siliconix LPSA600-D-R240-JB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LPSA 600
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
5
Document Number: 50077
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Series, style, ohmic value (in
Ω), tolerance (in %), manufacturing date, Vishay Sfernice trademark.
PACKAGING
Box of 15 units
ORDERING INFORMATION
LPSA
600
100 k
Ω
± 1 %
xxx
BO15
e
MODEL
STYLE
RESISTANCE
VALUE
TOLERANCE
± 1 %
± 2 %
± 5 %
± 10 %
CUSTOM DESIGN
Optional
on request:
special TCR,
shape etc.
PACKAGING
LEAD (Pb)-FREE
GLOBAL PART NUMBER INFORMATION
GLOBAL
MODEL
DIELECTRIC
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
LPSA 600
L = dielectric
strength 7 kV
H = dielectric
strength 12 kV
D = partial discharge
≤ 100 pC/7 kV and
≤ 10 pC/5 kV
The first three digits are
significant figures and the
last digit specifies the
number of zeros to follow.
R designates decimal point.
48R7 = 48.7
Ω
47R0 = 47
Ω
1001 = 1 k
Ω
4R70 = 4.7
Ω
R240 = 0.24
Ω
F = 1 %
G = 2 %
J = 5 %
K = 10 %
B = box 15 pieces
As applicable
ZAx
60
0
H
4
7
R
J
S
A
P
0B
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com