Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSLF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSLF
Description  Power Metal Strip® Resistors, Low Value (Down to 0.0003 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLF Datasheet(HTML) 2 Page - Vishay Siliconix

  WSLF Datasheet HTML 1Page - Vishay Siliconix WSLF Datasheet HTML 2Page - Vishay Siliconix WSLF Datasheet HTML 3Page - Vishay Siliconix WSLF Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSLF
www.vishay.com
Vishay Dale
Revision: 28-Jun-2022
2
Document Number: 30193
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(2) Element TCR - only applies to the alloy used for the resistor element
(3) Maximum working voltage - the WSL is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
DIMENSIONS in inches (millimeters)
CONSTRUCTION OUTLINE
Notes
• 3D models available: www.vishay.com/doc?30335
• Surface mount solder profile recommendations: www.vishay.com/doc?31052
Note
(1) The full power rating of Power Metal Strip resistors are dependent upon the ability of the circuit board to dissipate the heat energy created
in the resistance element. It is recommended to follow common design practices for power semiconductors that ensure the junction
temperature is maintained with in thermal limits by using large pad surfaces, thermal vias, heavier copper weights, internal layers as well as
other thermal spreading features. The thermal resistance values provided function in the same manner as junction to terminal temperature
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
WSLF RESISTOR CHARACTERISTICS
Component temperature coefficient
(including terminal) (1)
TCR measured from -55 °C to 150 °C
ppm/°C
± 200 for 0.3 m
Ω and 0.5 mΩ
± 170 for 1.0 m
Ω, 1.3 mΩ, and 1.5 mΩ
± 70 for 2 m
Ω, 3 mΩ, and 4 mΩ
Element TCR (2)
ppm/°C
< 20
Operating temperature range
°C
-65 to +170
Maximum working voltage (3)
V(P x R)1/2
H
L
T
W
D2
I
a
b
Typical current sensing traces
D1
1
Resistive element: element material used is
dependent on resistance value. Refer to
Element Material in table)
2
Terminal: solid copper
3
Terminal / element weld
2
3
1
MODEL
DIMENSIONS
SOLDER PAD DIMENSIONS
LW
H
T
a
b
l
WSLF2512
0.250 ± 0.006
(6.35 ± 0.15)
0.120 ± 0.008
(3.02 ± 0.2)
0.0138 ± 0.0012
(0.35 ± 0.03)
0.045 - 0.016
(1.14 - 0.4)
0.071
(1.80)
0.13
(3.40)
0.13
(3.40)
GLOBAL
MODEL
RESISTANCE
VALUE
(mΩ)
THERMAL
RESISTANCE
(°C/W)
THICKNESS in inches (millimeters)
ELEMENT MATERIAL
D1
D2
WSLF2512
0.3
3.8
0.040 (1.02)
0.040 (1.02)
Mn-Cu-Sn
0.5
6.7
0.033 (0.84)
0.033 (0.84)
Mn-Cu
1.0
12.1
0.017 (0.43)
0.017 (0.43)
Mn-Cu
1.3
14.6
0.013 (0.33)
0.013 (0.33)
Mn-Cu
1.5
14.5
0.011 (0.28)
0.011 (0.28)
Mn-Cu
2.0
17.1
0.028 (0.71)
0.028 (0.71)
Ni-Cr
3.0
18.2
0.019 (0.48)
0.019 (0.48)
Ni-Cr
4.0
18.5
0.014 (0.36)
0.014 (0.36)
Ni-Cr



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com