Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPSA800-D-R240K-B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LPSA800-D-R240K-B
Description  Power Resistor for Mounting Onto a Heatsink Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPSA800-D-R240K-B Datasheet(HTML) 2 Page - Vishay Siliconix

  LPSA800-D-R240K-B Datasheet HTML 1Page - Vishay Siliconix LPSA800-D-R240K-B Datasheet HTML 2Page - Vishay Siliconix LPSA800-D-R240K-B Datasheet HTML 3Page - Vishay Siliconix LPSA800-D-R240K-B Datasheet HTML 4Page - Vishay Siliconix LPSA800-D-R240K-B Datasheet HTML 5Page - Vishay Siliconix LPSA800-D-R240K-B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LPSA 800
www.vishay.com
Vishay Sfernice
Revision: 10-Nov-2021
2
Document Number: 50078
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
Flammability
Insulated case UL 94 V-0
Resistive Element
Thick film
Substrate
Alumina
End Connections
Screws M4
Tightening Torque
Connections
2 Nm
Tightening Torque Heatsink
2 Nm
Maximum Torque
2.5 Nm
Weight
83 g ± 10 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
-55 °C to +175 °C
Climatic Category
55 / 175 / 56
TECHNICAL SPECIFICATIONS
Power Rating and
Thermal Resistance
800 W at +85 °C
bottom case temperature
RTH (j - c): 0.112 °C/W
Temperature Coefficient
R ≤ 1 Ω: ± 500 ppm/°C
1
Ω < R ≤ 10 Ω: ± 300 ppm/°C
10
Ω < R: ± 150 ppm/°C
-55 °C / +175 °C
IEC 60115-1
Standard
Dielectric Strength
IEC 60115-1, 1 min,
10 mA max.
7 kVRMS or 12 kVRMS
Lightning test 1.2/50 μs
IEC 61000-4-5
Until 12 kV
Insulation Resistance
≥ 104 MΩ
Inductance
≤ 0.1 μH
Partial Discharge
(for LPSA 800 D only)
≤ 100 pC/7 kV
≤ 10 pC/5 kV
Other cases: Consult us
PERFORMANCE
TESTS
CONDITIONS
REQUIREMENTS
Momentary Overload
IEC 60115-1
1.5 x Pr/10 s
U
max.
≤ UL = 5000 V
± (0.5 % + 0.005
Ω)
Load Life
IEC 60115-1
1000 h (90/30) Pr at 85 °C
± (0.5 % + 0.05
Ω)
High Temperature Exposure
AEC-Q200 rev. D conditions:
MIL-STD-202 method 108
1000 h, +125 °C, unpowered
± (0.5 % + 0.005
Ω)
Temperature Cycling
AEC-Q200 rev. D conditions:
JESD22 method JA-104
1000 cycles, -55 °C to +125 °C
dwell time -15 min
± (1 % + 0.005
Ω)
Biased Humidity
AEC-Q200 rev. D conditions:
MIL-STD-202 method 103
1000 h, +85 °C, 85 % RH
± (0.5 % + 0.005
Ω)
Operational Life
AEC-Q200 rev. D conditions:
MIL-STD-202 method 108
1000 h, 90/30, powered, +25 °C
± (1 % + 0.005
Ω)
ESD Human Body Model
AEC-Q200 rev. D conditions:
AEC-Q200-002
25 kVAD
± (0.5 % + 0.005
Ω)
Vibration
AEC-Q200 rev. D conditions:
MIL-STD-202 method 204
5 g for 20 min, 12 cycles
test from 10 Hz to 2000 Hz
± (0.5 % + 0.005
Ω)
Mechanical Shock
AEC-Q200 rev. D conditions:
MIL-STD-202 method 213
100 g; 6 ms, 3.75 m/s
3 shocks/direction
± (0.5 % + 0.005
Ω)
Terminal Strength
AEC-Q200 rev. D conditions:
AEC-Q200-006
2.27 kg, 60 s
± (0.25 % + 0.01
Ω)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com