Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSL
Description  Power Metal Strip® Resistors, Wide Terminal, Low Inductance (< 1 nH), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL Datasheet(HTML) 2 Page - Vishay Siliconix

  WSL Datasheet HTML 1Page - Vishay Siliconix WSL Datasheet HTML 2Page - Vishay Siliconix WSL Datasheet HTML 3Page - Vishay Siliconix WSL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WSL, Wide Terminal
www.vishay.com
Vishay Dale
Revision: 04-Apr-2022
2
Document Number: 30183
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• “Temperature Coefficient of Resistance for Current Sensing” white paper: www.vishay.com/doc?30405
(1) Component TCR - total TCR that includes the TCR effects of the resistor element and the copper terminal
(2) Element TCR - only applies to the alloy used for the resistor element; refer to item 1 in the construction illustration on the following page
(3) Maximum working voltage - the WSL is not voltage sensitive, but is limited by power / energy dissipation and is also not ESD sensitive
(4) Typical TCR is positive, for more details contact factory
DIMENSIONS
WELDED CONSTRUCTION
Notes
• 3D models available: www.vishay.com/doc?30348
• Surface-mount solder profile recommendations: www.vishay.com/doc?31052
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RESISTOR CHARACTERISTICS
WSL0612
WSL1020
Component temperature coefficient
(including terminal) (1)
ppm/°C
+250 (4) for 0.75 m
Ω and 1.9 mΩ
< 50
+150 (4) for 2 m
Ω to 6 mΩ
Element TCR (2)
ppm/°C
< 20
Operating temperature range
°C
-65 to +170
Maximum working voltage (3)
V(P x R)1/2
T
H
L
W
a
c
b
Typical sensing traces
Resistive element: nickel-chrome or
manganese-copper alloy with low TCR (< 20 ppm/°C)
1
4
High temperature encapsulant:
“siliconized polyester”
coating material
3
Terminal / element weld (electron beam weld)
5
Laser calibration
2
1
4
3
5
2
Terminal: solid copper with 100 % Sn finish
100 % Sn (100 μ" min.) with 100 % Ni (20 μ" min.)
under layer finish
MODEL
DIMENSIONS in inches (millimeters)
L
W
H
T
WSL0612
0.120 ± 0.005
(3.05 ± 0.127)
0.060 ± 0.005
(1.50 ± 0.127)
0.018 ± 0.010
(0.457 ± 0.254)
0.015 ± 0.010
(0.381 ± 0.254)
WSL1020
0.200 ± 0.005
(5.08 ± 0.127)
0.100 ± 0.005
(2.54 ± 0.127)
0.025 ± 0.005
(0.635 ± 0.127)
0.022 ± 0.008
(0.558 ± 0.203)
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
a
b
c
WSL0612
0.030
(0.76)
0.078
(1.98)
0.134
(3.40)
WSL1020
0.039
(1.00)
0.138
(3.50)
0.222
(5.65)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com