Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSA1V1008-150-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCSA1V1008-150-R
Description  Automotive grade dual winding high current inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCSA1V1008-150-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCSA1V1008-150-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCSA1V1008-150-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCSA1V1008-150-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCSA1V1008-150-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCSA1V1008-150-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1085
Effective July 2021
HCSA1V1008
Automotive grade dual winding high current inductor
Product features
AEC-Q200 qualified
Magnetically shielded, low EMI
Robust molded construction
Dual winding, ideal for SEPIC converters
Inductance range from 10 μH to 22 μH
Current range from 3.3 A to 11.2 A
11.35 mm x 10.3 mm footprint surface mount
package in a 8.2 mm height
Moisture sensitivity level (MSL): 1
Alloy powder core material
Applications
Body electronics
Heating ventilation and air conditioning
controllers (HVAC)
Headlamps, tail lamps and interior lighting and
LED lighting
Doors, window lift and seat control
Advanced driver assistance systems
Basic and smart surround, and rear and front-
view camera
Adaptive cruise control (ACC)
Collision avoidance system
Car black box system
Infotainment and cluster electronics
Audio subsystem: head unit and trunk amp
Digital instrument cluster
In-vehicle infotainment (IVI) and navigation
Engine and powertrain systems
Diesel/gasoline engine management
Powertrain control module (PCM)/ engine
control unit (ECU)
Transmission control unit (TCU)
Environmental compliance and general
specifications
Storage temperature range (Component):
-55 °C to +155 °C
Operating temperature range: -55 °C to +155 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCSA1V1008-150-R

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCSA708 HOTTECH-HCSA708 Datasheet
279Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCSA1V1008-150-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SDQ25-331-R COOPER-SDQ25-331-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
List of Unclassifed Man...
SDQ25-100-R ETC2-SDQ25-100-R Datasheet
365Kb / 4P
Low-Profile Dual Winding Shielded Inductor/Transformer
logo
Accetek Electronics (Sh...
2MA ACCETEK-2MA Datasheet
321Kb / 7P
Dual Winding Shielded Inductor/Transformer
logo
Eaton All Rights Reserv...
DRAQ127 EATON-DRAQ127 Datasheet
1Mb / 5P
Automotive grade Dual winding, high power density shielded drum core power inductors
logo
TAI-TECH Advanced Elect...
SWI1008UF TAI-TECH-SWI1008UF Datasheet
146Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0603F TAI-TECH-SWI0603F Datasheet
162Kb / 2P
High Frequency Winding Type Chip Inductor
SWI0402F TAI-TECH-SWI0402F Datasheet
907Kb / 11P
High Frequency Winding Type Chip Inductor
SWF2012CF TAI-TECH-SWF2012CF Datasheet
163Kb / 2P
Winding Type Chip Inductor
SWF1608CF TAI-TECH-SWF1608CF Datasheet
222Kb / 2P
Winding Type Chip Inductor
SWC63I TAI-TECH-SWC63I Datasheet
87Kb / 2P
High Frequency Winding Type Chip Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com