Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM008-A-R-SD-1.0 Datasheet(PDF) 3 Page - ABLIC Inc.

Part # FM008-A-R-SD-1.0
Description  PROGRAMMABLE WAKE-UP TIMER IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FM008-A-R-SD-1.0 Datasheet(HTML) 3 Page - ABLIC Inc.

  FM008-A-R-SD-1.0 Datasheet HTML 1Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 2Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 3Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 4Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 5Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 6Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 7Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 8Page - ABLIC Inc. FM008-A-R-SD-1.0 Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
WAKE-UP TIMER IC
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
S-35710 Series
3
Product Name Structure
1. Product name
S-35710 x 01 I - K8T2 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product name
Operation temperature
I:
Ta =
−40°C to +85°C
Package abbreviation and IC packing specification
*1
K8T2: TMSOP-8, Tape
Fixed value
Option code
B:
Quartz crystal CL = 9.0 pF
C:
Quartz crystal CL = 6.0 pF
*1. Refer to the tape drawing.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2
Product Name
RST
_______
Pin
INT Pin Output Form
Time-out Type
S-35710B01I-K8T2U
With pull-up resistor
CMOS output
Handshake time-out
S-35710C01I-K8T2U
Without pull-up resistor
Nch open-drain output
Handshake time-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com