Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCP30D15-DN Datasheet(PDF) 2 Page - Emerson Network Power

Part # SCP30D15-DN
Description  SCP Series, 30 Watt; Single, Dual and Triple
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SCP30D15-DN Datasheet(HTML) 2 Page - Emerson Network Power

  SCP30D15-DN Datasheet HTML 1Page - Emerson Network Power SCP30D15-DN Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Supplies
Visit our website at
www.emerson.com or contact Technical Services at (800) 377-4384 with any questions.
© December 2018
150
Specifications
Dimensional Diagram – in (mm)
Low Profile DIN Rail (-DN) or Chassis Mount *
Parameter
Condition
Value
Input
AC Input Voltage
—
85 - 264 Vac
DC Input Voltage
—
100 - 375 Vdc
Input Frequency
—
50/60 HZ
Filtering EMI/RFI
—
EN 55011/B, 55022/B
Switching Frequency
—
Typ. 100 kHz
Input Fusing Required
—
Use 2.0 A Slow Fuse
Outpu
t
Output Voltage Accuracy
V
in = 230 V, Iout = max, 25°C
V1
≤ ±1%, V2/3 ≤ ±3%
Ripple
V
in=min, Iout=max, 25°C
≤1%, V
out
Noise
V
in=min, Iout=max, 25°C
≤2%, V
out
Line Regulation
V
in=min/max 25°C
I
out = max, 25°C
≤+0.5%, V
out
Load Regulation
I
out = 10 to 90 to 10%,
25°C V
in = 230 Vac, 25°C
≤+0.5%, V
out
Overcurrent Protection
—
105
to 130% I
nom
Load Regulation Timing
10 to 90 to 10%, 25°C
<4 ms
Temperature Coefficient
T
amb = -25 to +65°C
0.01%/K
Overload/Short Circuit
Continuous
Derating Single/Dual/Triple
T
amb >50°C
2/3/5%/K max
General
Holdup Time
V
in =230 Vac
>50 ms
Operating Temperature
-25 to +65°C
Storage Temperature
T
amb = 25°C
45 to +85°C
Case Temperature Rise at
Full Load
—
45 K max
MTBF at 25°C (input/output)
acc. MIL-HDBK-217F
800,000 hrs
Transient Protection
—
EN61000-4-2, 3, 4, 5
Cooling
—
Convection
Weight - lbs (kg)
0.7 (.34)
0.8 (.38)
Case Material/Potting
—
UL94-VO
Protection
—
IP20
Visual Indicators
—
Green LED indicates
DC OK for B-DN Slim
Line versions only
Dimensions (H x W x D)
• Low Profile “-DN”
4.72 x 2.55 x 1.29 in (120.0 x 65.0 x 33.0 mm)
(Takes up 2.55 in or 65.0 mm on DIN rail)
• Slim Line “B-DN”
4.72 x 1.29 x 2.68 in (120.0 x 33.0 x 68.0 mm)
(Takes up 1.29 in or 33.0 mm on DIN rail)
Pin-Out
SCP 30
1
2
3
4
5
6
7
Single
RETURN
+V1
IN
IN
Dual sym
-V2
COM
+V1
IN
IN
Dual asym
COM (V1)
+V1
COM V3
+V3
IN
IN
Triple
-V2
COM (V1)
COM (V2/3)
+V1
+V3
IN
IN
* Unscrew DIN connector for chassis mounting.
543 21
67
Front View
1.29 (33.0)
D= .16 (4.2)
2.08 (53.0)
.24
(6.0)
2.55 (65.0)
Slim Line DIN Rail Mount only (B-DN)
1 2 3 45
6 7
Side View
Front View
2.67 (68.0)
1.37 (35.0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com