Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV7721ILT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV7721ILT
Description  Training kit for operational amplifiers and comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721ILT Datasheet(HTML) 3 Page - STMicroelectronics

  TSV7721ILT Datasheet HTML 1Page - STMicroelectronics TSV7721ILT Datasheet HTML 2Page - STMicroelectronics TSV7721ILT Datasheet HTML 3Page - STMicroelectronics TSV7721ILT Datasheet HTML 4Page - STMicroelectronics TSV7721ILT Datasheet HTML 5Page - STMicroelectronics TSV7721ILT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 2. STEVAL-CCA058A1 op-amp adapter board circuit schematic
SOT 23-5
4 (1)
+
1
(3)
-
3
(4)
V+
V-
TSV631
SO8
+
3
−
2
Out
6
4
V-
V+
7
Rail-to-rail IN/OUT, 60 μA, 880kHz, 5V CMOS AOP
UA741
+
3
−
2
Out
6
V-
4
V+
7
TS921
IC1-2
1
SOT 23-5
+
3
-
4
V+
V-
TSZ121
IC1-5
1
2
3
4
Very high accuracy (5μV) 0 drift µpower 5V AOP
J1-1
_
+
VCC-1
General-purpose single AOP
VCC+1
VCC+1
C1-1 100pF
VCC-1
1
2
3
4
J1-2
8
7
6
5
J2-2
_
+
VCC-2
Rail-to-rail high output single current AOP
VCC+2
VCC+2
C1-2 100pF
VCC-2
8
7
6
5
J2-1
1
2
3
4
J1-3
8
7
6
5
J2-3
_
+
VCC-3
Micropower dual CMOS voltage comparators
VCC+3
VCC+3
C1-3 100pF
VCC-3
1
2
3
4
J1-4
8
7
6
5
J2-4
_
+
VCC+4
VCC-4
VCC+4
C1-4 100pF
VCC-4
+
5
-
6
7
IC1-3B
Mini SO8
V+
V-
+
3
-
2
1
TSX3702
IC1-3A
VCC+3
HEADER CONNECT TO OP
AMP TRAINING BOARD :
STEVAL-CCA058V1
VCC-3
1
2
3
4
J1-5
8
7
5
J2-5
_
+
VCC+5
VCC-5
VCC+5
C1-5 100pF
VCC-5
1
2
3
4
J1-6
8
7
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
6
5
J2-6
_
+
VCC-6
VCC+6
Micr opower dual CMOSvoltagecompar ator s
VCC+6
C1-6 100pF
VCC-6
+
5
-
6
7
IC1-6B
Mini SO8
V+
V-
+
3
-
2
1
HEADER CONNECT TO OP
AMP TRAINING BOARD :
STEVAL-CCA058V1
TSX393
IC1-6A
VCC+6
VCC-6
SOT 23-5
4 (1)
+
1
(3)
-
3
(4)
V+
V-
TSU101
IC1-7
1
2
3
4
J1-7
8
7
6
5
J2-7
_
+
VCC-7
VCC+7
C1-7 100pF
Nanopower, rail-to-rail IN/OUT, 5V CMOS AOP
VCC+7
1
2
3
4
J1-9
8
7
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
6
5
J2-9
_
+
VCC+9
VCC+9
C1-9 100pF
VCC-9
TSC210
REF
5 IN-
GND
High/low-side, bidirectional, 0 drift current sense AOP
6
V+
IC1-9
VCC-9
SOT 23-5
4 (1)
+
1
(3)
-
3
(4)
V+
V-
TS881
IC1-8
1
2
3
4
J1-8
8
7
6
5
J2-8
_
+
VCC-8
VCC+8
Rail-to-rail 0.9 V nanopower comparator
VCC+8
VCC-8
1
SOT 23-5
+
3
-
4
V+
V-
HEADER CONNECT TO OP
AMP TRAINING BOARD :
STEVAL-CCA058V1
TSV991
IC1-10
1
2
3
4
J1-10
8
7
6
5
_
J2-10
+
VCC-10
Rail-to-rail input/output 20 MHz GBP AOP
VCC+10
VCC+10
VCC-10
1
2
3
4
J1-11
8
7
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
6
5
_
J2-11
+
VCC+11
VCC-11
VCC+11
C1-11 100pF
VCC-11
4
SOT 23-5
+
1
-
3
V+
V-
HEADER CONNECT TO OP
AMP TRAINING BOARD :
STEVAL-CCA058V1
TSV7721
IC1-12
1
2
3
4
High bandwidth (22 MHz) low offset (200μV) 5V AOP
J1-12
8
7
6
5
_
J2-12
+
VCC+12
VCC-12
VCC+12
C1-12100pF
VCC-12
1
SOT 23-5
+
3
-
4
V+
V-
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
TSV791
IC1-11
High bandwidth (50MHz) low offset (200μV) R/R 5V AOP
HEADER CONNECT TO OP
AMP TRAINING BOARD :
STEVAL-CCA058V1
B11
B12
- All passives components are SMT-0805 package
- All Header are MALE HEADER SIL - 2.54mm
STEP package
B1
B2
B8
B3
B6
B4
B5
B7
B9
B10
SC70-6
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
HEADER CONNECT TO OP
AMP TRAINING BOARD:
STEVAL-CCA058V1
IN+
4
OUT
IC1-1
IC1-4
C1-8 100pF
C1-10 100pF
VCC-7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com