Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV791ILT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV791ILT
Description  Training kit for operational amplifiers and comparators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV791ILT Datasheet(HTML) 2 Page - STMicroelectronics

  TSV791ILT Datasheet HTML 1Page - STMicroelectronics TSV791ILT Datasheet HTML 2Page - STMicroelectronics TSV791ILT Datasheet HTML 3Page - STMicroelectronics TSV791ILT Datasheet HTML 4Page - STMicroelectronics TSV791ILT Datasheet HTML 5Page - STMicroelectronics TSV791ILT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagrams
Figure 1. STEVAL-CCA058A1 main board circuit schematic
SOCKET DIP8
+
3
−
2
Out
6
V-
4
V+
7
DUT
AOP SINGLE
PT23
PT21
INPUT+ AMP
PT03
INPUT- AMP
PT13
VCC+
VCC-
PT33
PT31
VCC+
PT32
GND
GND
VCC+ Cap
C01 100pF
GND
GND
PT01
GND
PT11
GND
GND
PT02
GND
GND
PT24
GND
VCC+
6
2
5
3
4
1
U01
VCC-
GND
PT04
GND
GND
PT22
GND
INPUT+
J01
INPUT-
J11
J02
J12
GND
GND
PT12
GND
VREF
J04
ZIN+
J03
REF GND
J05
IN+
IN-
6
2
5
3
4
1
U11
ZIN-
J13
U02
ZREF+
J06
U03
ZDIFF
J07
IN+ DIFF
IN- DIFF
U12
ZREF-
J14
6
2
5
3
4
1
U04
ZG+
J08
6
2
5
3
4
1
U13
ZG-
J15
IN+ AMP
IN- AMP
6
2
5
3
4
1
U05
ZF+
J09
6
2
5
3
4
1
U14
ZF-
J16
GND
VCC- Cap
C02 100pF
OUTAMP
6
2
5
3
4
1
U21
ZISO
J21
U22
ZLOAD
J22
LOAD VCC-
J23
LOAD GND
J24
LOAD VCC+
J25
OUTLOAD
LOAD OUT
J26
OUT
OUTPUT
J27
J28
GND
VCC+
J31
GND
J32
VCC-
J33
SINGLE SUPPLY
J34
VCC-
SMD 1210
VCC+ Input Cap
C03
10µF
SMD 1210
VCC- Input Cap
C04
10µF
GND
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com