Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # SSR3
Description  Three Phase Solid State Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SSR3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  SSR3 Datasheet HTML 1Page - TE Connectivity Ltd SSR3 Datasheet HTML 2Page - TE Connectivity Ltd SSR3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Heatsink Recommendations
• We recommend that solid state relay modules be mounted to a heatsink sufficient to maintain the module’s base temperature at less than 85°C
under worst case ambient temperature and load conditions.
• The heatsink mounting surface should be a smooth (30-40 micro-inch finish), flat (30-40 micro-inch flatness across mating area), un-painted
surface which is clean and free of oxidation.
• An even coating of thermal compound (Dow Corning DC340 or equivalent) should be applied to both the heatsink and module mounting
surfaces and spread to a uniform depth of .002” to eliminate all air pockets.
• The module should be mounted to the heatsink using two #8 screws.
Thermal Pad
Product Code : SSR-ACC-TH-003
Part Number : 2323803-2
Operating Diagrams
* Overall height dimensions includes with clear cover
Dimensions in mm
Outline Dimensions
Product Code
Part Number
SSR3T-480A10
2345984-1
SSR3T-480A16
2345984-2
SSR3T-480A25
2345984-5
SSR3T-480A40
2345984-6
SSR3S-480A40
2345984-7
SSR3S-480A50
2345984-8
SSR3S-480A75
2345984-9
SSR3T-480D10
1-2345984-1
SSR3T-480D16
1-2345984-2
SSR3T-480D25
1-2345984-3
SSR3T-480D40
1-2345984-4
SSR3S-480D40
1-2345984-5
SSR3S-480D50
1-2345984-6
SSR3S-480D75
1-2345984-7
SSR3T-480D10R
1-2345984-9
SSR3T-480D25R
2-2345984-0
SSR3S-480D40R
2-2345984-1
SSR3S-480D50R
2-2345984-2
Screw details
SOLID STATE RELAY
SSR3 Series (Continued)
02-2021, Rev. 0221
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
Potter & Brumfield



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com