Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMLPV5000 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # BMLPV5000
Description  5G NR (FR1), Wi-Fi6e Low Profile Vertical Antenna Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

BMLPV5000 Datasheet(HTML) 2 Page - PCTEL, Inc.

  BMLPV5000 Datasheet HTML 1Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 2Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 3Page - PCTEL, Inc. BMLPV5000 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5G NR (FR1), Wi-Fi6e Low Profile
Vertical Antenna
Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
5G NR (FR1), Wi-Fi6e Low Profile Vertical Antenna
Cellular, Wi-Fi, Bluetooth®, & BLE Antennas – Low Profile Whipless
The BMLPV5000 low profile vertical antenna supports the high speed requirements of complex
RF communication systems used for Intelligent Transportation Systems (ITS), and IIoT applications.
This antenna supports the world’s leading 5G NR or Wi-Fi6e devices supporting frequencies
from 600 MHz to 7.1 GHz frequencies. It features an attractive, compact housing that makes
the antenna ideal for indoor or outdoor applications requiring minimum visibility to the antenna.
PCTEL’s high efficiency permanent mount is recommended for most efficient performance.
Features
• Attractive, low-profile design
• Multiple band coverage with no tuning required
• Can be used for mobile and fixed base applications
• Environmentally tested to MIL-STD-810G
• N female termination option (-VP) available
Certifications
2
SPECIFICATIONS
> pctel.com/antenna-products
GMLFML195C or GMLFML240C
high efficiency magnetic mount
(sold separately)
MLFML195C or MLFML240C
MLF high efficiency mount
(sold separately)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com