Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMLPVMBLTENGP Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # BMLPVMBLTENGP
Description  MLPV Low-Profile No Ground Plane Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

BMLPVMBLTENGP Datasheet(HTML) 1 Page - PCTEL, Inc.

  BMLPVMBLTENGP Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
BMLPVMBLTENGP
PCTEL’s BMLPVMBLTENGP antennas provide superior pattern coverage for mobile
and fixed applications operating in 4G LTE frequencies without the need for a ground
plane. Their design provides industry leading wide-band performance and reliability,
with minimum loss and no tuning required. These antennas are environmentally
tested for both indoor or outdoor applications.
Features
• 4G LTE coverage with or without a ground plane
• Attractive, low-profile design for maximum overhead clearance
• Industry leading wide-band performance provides outstanding coverage
across multiple frequency bands with no tuning required
• Mates with all 1-1/8”-18 thread mounts, including 3/4” mounts
• “-VP” N female terminated version available to accommodate
thick surface installations
MLPV Low-Profile No Ground Plane Antennas
ELECTRICAL SPECIFICATIONS
Model
Frequency Range
Gain*
VSWR
Maximum
Power
Nominal Impedance
Polarization
BMLPVMBLTENGP
690-960/1710-2700 MHz
3 dBi
< 2.5:1
150 watts
50 ohms
Vertical
BMLPVMBLTENGP-VP
690-960/1710-2700 MHz
3 dBi
< 2.5:1
150 watts
50 ohms
Vertical
Low-Profile Whipless Antennas
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Model
Dimensions
Weight
Temperature
Range
Ingress
Protection
Color
BMLPVMBLTENGP
1.44 OD x 3.54 H in
(3.66 x 8.99 cm)
0.40 lbs (0.18 kg)
-40°F to +158°F
(-40°C to +70°C)
IP66
Black
BMLPVMBLTENGP-VP
1.44 OD x 4 H in
(3.66 x 10.17 cm)
0.534 lbs (0.242 kg)
-40°F to +158°F
(-40°C to +70°C)
IP66
Black
BMLPVMBLTENGP-VP
STANDARD CONFIGURATION
Model
Cable
Connector
Mount/ Description
BMLPVMBLTENGP
Pro-Flex™ Plus 195 or PFP240 high
frequency cable is recommended with
these antennas. Cable or mount/cable
assemblies sold separately.
Various connector
options offered
with PCTEL high
frequency mounts
Compatible with most 1-1/8” - 18 thread
mounts, including 3/4” hole mounts.
For optimal performance, use higher frequency
rated mounts (e.g. MLFML195C, MTPM800 and
GMLFML195C). Mount sold separately.
BMLPVMBLTENGP-VP
N Female bulkhead
Accomodates surfaces up to 1⁄2” thick.
RoHS
COMPLIANT


Similar Part No. - BMLPVMBLTENGP

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
BMLPVMBLTENGP PCTEL-BMLPVMBLTENGP Datasheet
579Kb / 1P
No Ground Plane MLPV Low-Profile Vertical Antennas
More results

Similar Description - BMLPVMBLTENGP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1812 ETC2-A1812 Datasheet
12Kb / 1P
VHF NO GROUND PLANE ANTENNA
logo
Taoglas antenna solutio...
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C Datasheet
3Mb / 13P
Ground Plane Independent
FXUB66.01.0150C TAOGLAS-FXUB66.01.0150C Datasheet
1Mb / 15P
Ground Plane Independent
FXUB66.07.0150C TAOGLAS-FXUB66.07.0150C Datasheet
1Mb / 14P
Ground Plane Independent
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001 Datasheet
2Mb / 21P
Ground Plane Independent
FXP810.07.0100C TAOGLAS-FXP810.07.0100C Datasheet
978Kb / 12P
Ground-plane Independent
FXP810.09.0100C TAOGLAS-FXP810.09.0100C Datasheet
1,009Kb / 11P
Ground-plane Independent
FXP830.07.0100C TAOGLAS-FXP830.07.0100C Datasheet
1Mb / 14P
Ground-plane Independent
FXP830.09.0100C TAOGLAS-FXP830.09.0100C Datasheet
3Mb / 21P
Ground-plane Independent
logo
PCTEL, Inc.
MLPV PCTEL-MLPV Datasheet
268Kb / 2P
Low-Profile Antennas - MLPV Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com