Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPV700 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # MLPV700
Description  Low-Profile Antennas - MLPV Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

MLPV700 Datasheet(HTML) 2 Page - PCTEL, Inc.

  MLPV700 Datasheet HTML 1Page - PCTEL, Inc. MLPV700 Datasheet HTML 2Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MLPV Series
Low-Profile Antennas - MLPV Series
Low-Profile Whipless Antennas
MECHANICAL SPECIFICATIONS
Model
Dimensions
Weight
Housing Material
Color Options**
MLPV380
3.38 H x 1.50 OD in (8.59 x 3.81 cm) 0.31 lbs (.14 kg)
XENOY 5720U-7014, UV-Stable
Black-Chrome, Black
MLPV406
3.38 H x 1.50 OD in (8.59 x 3.81 cm) 0.31 lbs (.14 kg)
XENOY 5720U-7014, UV-Stable
Black-Chrome, Black
MLPV430
3.38 H x 1.50 OD in (8.59 x 3.81 cm) 0.31 lbs (.14 kg)
XENOY 5720U-7014, UV-Stable
Black-Chrome, Black
MLPV450
3.38 H x 1.50 OD in (8.59 x 3.81 cm) 0.31 lbs (.14 kg)
XENOY 5720U-7014, UV-Stable
Black-Chrome, Black
BMLPVMB/LTE
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black
WMLPVMB/LTE
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
White-Chrome
LPBMLPVMB/LTE
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome
MLPV700
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome, Black,
White-Chrome
MLPV800
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome; Black;
White-Chrome
BMLPV800HD
At base: 2.40 H x 1.50 W x 1.70 D in
(6.10 x 3.81 x 4.32 cm)
0.44 lbs (0.19 kg)
XENOY 572OU-7014, UV-Stable
Black
MLPVDB800/1900
2.40 H X 1.50 OD in (6.10 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome, Black,
White-Chrome
BMLPVDB800/1900HD At base: 2.40 H x 1.50 W x 1.70 D in
(6.10 x 3.81 x 4.32 cm)
0.44 lbs (0.19 kg)
XENOY 572OU-7014, UV-Stable
Black
WMLPVDB800/1900S
1.79 H x 1.50 OD in (4.55 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
White-Chrome
MLPVDB800/1900S
1.79 H x 1.50 OD in (4.55 x 3.81 cm) 0.29 lbs (0.13 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome
MLPV1700
1.79 H x 1.50 OD in (4.55 x 3.81 cm) 0.34 lbs (0.15 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome, Black,
White-Chrome
MLPVDB2458
1.79 H x 1.50 OD in (4.55 x 3.81 cm) 0.34 lbs (0.15 kg)
XENOY 572OU-7014, UV-Stable
Black-Chrome, Black,
White-Chrome
BMLPV4900
1.79 H x 1.50 OD in (4.55 x 3.81 cm) 0.34 lbs (0.15 kg)
XENOY 572OU-7014, UV-Stable
Black
*** Black-Chrome is standard for all MLPV models, unless otherwise indicated.
For all black option, add prefix “B” to the MLPV part number. Example: BMLPV800.
For White-Chrome option, add prefix “W” to the MLPV part number. Example: WMLPV800.
**** When installed and tested according to PCTEL installation instructions.
ENVIRONMENTAL SPECIFICATIONS (ALL MODELS)
Temperature Range
Ingress Protection
-40°C to +85°
IP67****
RoHS
COMPLIANT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com