Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPE100MPB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 6TPE100MPB
Description  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE100MPB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  6TPE100MPB Datasheet HTML 1Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 2Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 3Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 4Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 5Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 6Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 7Page - Panasonic Semiconductor 6TPE100MPB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
● Low profile (Height 1.5 mm max.)
● Low ESR (7 mΩ max.)
● Large capacitance (1500 μF max.)
● RoHS compliance, Halogen free
Unit
:mm
R. voltage code
Unit
:V
* Externals of figure are the reference.
g
4.0
A
10
e
2.5
6.3
j
7.3
7.3
4.3
W1±0.1
L±0.3
1.8±0.1
Marking
Dimensions (not to scale)
Within +40 %,
−20 % of the initial value (Except for above model)
Damp heat
(Steady State)
+60
℃, 90 % to 95 % RH, 500 h, No-applied voltage
Within +50 %,
−20 % of the initial value
W±0.2
S±0.2
1.1
Size code
H
1.4±0.1
2.4
D2E
D15E
28-Apr-22
Should a safety concern arise regarding this product, please be sure to contact us immediately.
4.3
1.3
2.4
7.3
4.3
1.3
2.4
7.3
1.3
D4
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
3.8±0.2
2.4
2.8±0.2
D3L
4.3
D3L
D4
6.3 V
2.5 V to 10 V
5.0 V
2.5 V to 10 V
2R5TPE470M (I, F, C, 9, 7), 2R5TPE1000MF, 2R5TPE1500M (F, C))
≦ 1.5 times of the initial limit
≦ 3 times of the initial limit
Dissipation factor(tan δ)
Leakage current
150 μF to 680 μF
330 μF to 1500 μF
Rated temp, +85
℃ Products : +85 ℃ 1000 h, rated voltage applied
470 μF
68 μF to 470 μF
Please see the attached characteristics list
Please see the attached characteristics list
Capacitance change
Surge voltage (V)
Rated voltage × 1.15
(6TPE330MAP, 6TPE470MAZU : +85
℃ 2000 h, rated voltage applied)
–55
℃ to +105 ℃
Specifications
Features
Conductive Polymer Tantalum
Solid Capacitors
Surface Mount Type
TPE series
D size
Size code
Rated volt. range
Category temp. range
Category volt. range
D15E
D2E
Capacitance tolerance
Rated cap. range
Dissipation factor(tan δ)
Leakage current
±20 % (120 Hz / +20
℃)
(2R5TPE220M (I, F, 9), 2R5TPE330M (I, F, C, 9, 7),
Endurance
Dissipation factor(tan δ)
Leakage current
+105
℃ 2000 h rated voltage applied
≦ 1.5 times of the initial limit
Within the initial limit
Capacitance change
Within ±20 % of the initial value
Rated capacitance (μF)
Rated voltage code
L
Polarity marking (+)
Lot No.
S
S
W1
Some part numbers are not a recommended product.
Not recommended for new design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com