Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q2XAPAF150-2M Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # Q2XAPAF150-2M
Description  Q2X Mechanically Adjustable Background
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q2XAPAF150-2M Datasheet(HTML) 2 Page - Banner Engineering Corp.

  Q2XAPAF150-2M Datasheet HTML 1Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 2Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 3Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 4Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 5Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 6Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 7Page - Banner Engineering Corp. Q2XAPAF150-2M Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Overview
Q2X Adjustable-Field Sensors with Background Suppression ignore objects beyond the set cutoff distance. Background suppression
mode can be used in most situations with varying object color and position or with varying background conditions.
Figure 1. Sensor features
1
2
3
1. Green: Power Indicator
2. Yellow: Light Sensed Indicator (Flashes for Marginal
Conditions)
3. Cutoff Point Adjustment Screw
Installation
Sensor Orientation
To ensure reliable detection, orient the sensor as shown in relation to the target to be detected.
Figure 2. Optimal Orientation of Target to Sensor
Mount the Device
1. If a bracket is needed, mount the device onto the bracket.
2. Mount the device (or the device and the bracket) to the machine or equipment at the desired location. Do not tighten the
mounting screws at this time.
3. Check the device alignment.
4. Tighten the mounting screws to secure the device (or the device and the bracket) in the aligned position.
Wiring
Cabled wiring diagrams are shown. Quick disconnect wiring diagrams are functionally identical.
CAUTION: Observe proper ESD precautions (grounding) when connecting quick disconnect models.
Bipolar Models, Light Operate
10–30 V dc
–
+
bn (1)
bu (3)
wh (2)
bk (4)
Load
Load
PNP Models, Light Operate
10–30 V dc
–
+
bu (3)
bn (1)
bk (4)
Load
NPN Models, Light Operate
10–30 V dc
–
+
bu (3)
bn (1)
bk (4)
Load
Q2X Mechanically Adjustable Background Suppression with Visible Red LED or Class 1 Red Laser
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 217279 Rev. D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com