Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-DCF-101 Datasheet(PDF) 8 Page - ECS, Inc.

Part # ECS-DCF-101
Description  DIELECTRIC CERAMIC FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-DCF-101 Datasheet(HTML) 8 Page - ECS, Inc.

  ECS-DCF-101 Datasheet HTML 1Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 2Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 3Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 4Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 5Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 6Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 7Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 8Page - ECS, Inc. ECS-DCF-101 Datasheet HTML 9Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ECS Inc. International
ECS Inc. International
15351 W. 109th Street, Lenexa, Kansas 66219
www.ecsxtal.com
7
7.
Reel Dimensions
B
A
φA
φB
W
T
Pieces per reel
Carrier tape size
330±3
80min
16.4min 22.4max
2000typ.
16
7.1 Packing Method Sketch Map



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com