Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECS-RTC-3225-5699C3 Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-RTC-3225-5699C3
Description  The ECS-RTC-3225-5699C3 Real Time Clock Module (I²C-Bus) with built in 32.768 kHz TCXO. It supports calendar (year, month, day, hour, minute,second), clock, temp sensor, VBAT and timer functions.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-RTC-3225-5699C3 Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-RTC-3225-5699C3 Datasheet HTML 1Page - ECS, Inc. ECS-RTC-3225-5699C3 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109th Street| Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-RTC-3225-5699C3
UNITS
MIN
TYP
MAX
Power Supply Voltage
Normal mode
2.5
3.0
5.0
V
Power Supply Voltage
VDD
=VBAT (Note 1)
1.6
3.0
5.0
V
Backup Battery
VBAT
1.6
3.0
5.0
V
Current Consumption IDD
Battery Supply
1.0
µA
Stability
-40 ~ +85°C
±3
ppm
Oscillation start time
@ +25°C
1
s
Aging
Per Year
±3
ppm
Temp. Sensor Accuracy
Temp VDD=3.0V
±5
°C
Duty Cycle
tw/t
40
60
%
Operating Temperature
Topr
-40
+85
°C
Storage Temperature
Tstg
-40
+85
°C
 Built in 32.768 khz TCXO
 Backup battery switchover
function
 Extended temp range
 ±3 ppm Stability -40 ~ +85°C
 Built in temperature sensor
Block Diagram
PART NUMBER: ECS-RTC-3225-5699C3-TR
Figure 1) Top, and Side Views
Rev.2022
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The ECS-RTC-3225-5699C3 Real Time Clock Module (I²C-Bus) with built
in 32.768 kHz TCXO. It supports calendar (year, month, day, hour,
minute,second), clock, temp sensor, VBAT and timer functions.
ECS-RTC-3225-5699C3
Low Power Consumption I²C RTC
ECS-RTC-5699C3
Note 1) To apply Min Value of VDD and VBAT, VDD and VBAT need to be supplied with more
than 2.5V at least for the oscillation to stabilize (oscillation start time tSTA).


Similar Part No. - ECS-RTC-3225-5699C3

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-.327-12.5-11X ECS-ECS-.327-12.5-11X Datasheet
416Kb / 1P
SMD TUNING FORK CRYSTAL
ECS-.327-12.5-12-TR ECS-ECS-.327-12.5-12-TR Datasheet
608Kb / 2P
SMD TUNING FORK CRYSTAL
ECS-.327-12.5-12-TR ECS-ECS-.327-12.5-12-TR Datasheet
589Kb / 2P
The ultra-minature ECX-12 is a very compact SMD Tuning Fork Crystal
ECS-.327-12.5-1210-TR ECS-ECS-.327-12.5-1210-TR Datasheet
642Kb / 2P
The ultra-minature ECX-1210 is a very compact SMD Tuning Fork Crystal
ECS-.327-12.5-12L-TR ECS-ECS-.327-12.5-12L-TR Datasheet
592Kb / 2P
The ultra-minature ECX-12L is a very compact SMD Tuning Fork Crystal
More results

Similar Description - ECS-RTC-3225-5699C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
2-Wire RTC Real Time Clock/Calendar
September 23, 2005
logo
NXP Semiconductors
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
Real time clock and calendar
Rev. 02-30 September 2010
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
Real time clock and calendar
Rev. 3-26 August 2013
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
2-Wire??RTC Real Time Clock/Calendar
logo
PHOENIX CONTACT
2701153 PHOENIX-2701153 Datasheet
62Kb / 3P
Supports month-day-year, day-month-year, and year-month-day formats
logo
Epson Company
RA8804CE EPSON-RA8804CE Datasheet
905Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus) For Automotive Built-in 32.768 kHz-DTCXO
RX8804CE EPSON-RX8804CE Datasheet
900Kb / 2P
REAL TIME CLOCK MODULE (I2C-Bus) Built-in 32.768 kHz-DTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com