Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERM8 Datasheet(PDF) 2 Page - Samtec, Inc

Part # ERM8
Description  RUGGED HIGH-SPEED STRIPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ERM8 Datasheet(HTML) 2 Page - Samtec, Inc

  ERM8 Datasheet HTML 1Page - Samtec, Inc ERM8 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
TYPE
-POSITIONS
PER ROW
- LEADSTYLE - PLATING
OPTION
-DV-
OPTIONS
- "X"R
ERM8
= Shielded
Terminal
ERF8
= Shielded
Socket
–010,
–020,
–025,
–030
–02.0
= 2 mm (ERM8 with
–S only)
–05.0
= 5 mm (ERF8 with
–S & ERM8 with –
EGPS & –DSS only)
–07.0
= 7 mm (ERF8 with
–EGPS only)
–09.0
= 9 mm (ERM8 with
–EGPS & –DSS only)
–L
= 10 µ"
(0.25 µm) Gold
on contact,
Matte Tin on
tail
–S
= 30 µ"
(0.76 µm) Gold
on contact,
Matte Tin on
tail
–S
= Shield (Lead Styles: ERM8 –02.0 only; ERF8 –05.0 only)
–EGPS
= Extended Guide Post Shield (Lead Styles: ERM8 –05.0
& -09.0 only; ERF8 –07.0 only)
–DSS
= Differential Pair with Extended Guide Post Shield
(ERM8 only, with –05.0 & -09.0 Lead Styles, –10 & –025
Pos. only)
–K
= Polyimide Film Pick & Place Pad
(–02.0 Lead Style N/A)
–P
= Pick & Place Pad (ERM8 –02.0 & -05.0 Lead Styles only)
–TR
= Tape & Reel
–FR
= Full Reel
Tape & Reel
(must order
maximum
quantity per
reel; contact
Samtec for
quantity
breaks)
samtec.com/EdgeRate
(0.80 mm) .0315" PITCH • SHIELDED HIGH-SPEED HEADERS & SOCKETS
ERM8-S
Board Mates:
See "Mated Height" Chart
(Note: ERF8-S does not
mate with ERM8-EGPS)
ERF8-S
Board Mates:
See "Mated Height" Chart
(Note: ERM8-EGPS does
not mate with ERF8-S)
A
02
01
(7.20)
.283
No. of Positions x
(0.80) .0315 + (6.00) .236
B
(7.18)
.283
(5.97)
.235
–S OPTION
–EGPS OR –DSS OPTION
02
01
A
B
(7.20)
.283
(6.80)
.268
–S
LEAD
STYLE
A
B
–05.0
(9.87) .389
(10.81) .425
-09.0
(13.87) .546 (14.81) .583
LEAD
STYLE
B
(-S)
B
(-EGPS)
–05.0
(5.90)
.232
N/A
–07.0
N/A
(7.42)
.292
View complete specifications at:
samtec.com?ERM8
View complete specifications at:
samtec.com?ERF8
POSITIONS
PER ROW
A
–010
(18.00) .71
–020
(26.00) 1.02
–025
(30.00) 1.18
–030
(34.00) 1.34
MATED HEIGHTS
7 MM
9 MM
12 MM
16 MM
ERM8-02.0-S
to
ERF8-05.0-S
ERM8-02.0-S
to
ERF8-07.0-EGPS
ERM8-05.0-EGPS
to
ERF8-07.0-EGPS
ERM8-09.0-EGPS
to
ERF8-07.0-EGPS
Note:
Some lengths, styles and options are non-standard, non-returnable.
F-221



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com