Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # MJD41C
Description  100 V, 6 A NPN high power bipolar transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD41C Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  MJD41C Datasheet HTML 1Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 2Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 3Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 4Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 5Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 6Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 7Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 8Page - Nexperia B.V. All rights reserved MJD41C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
MJD41C
100 V, 6 A NPN high power bipolar transistor
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
C
collector
3
E
emitter
mb
C
mounting base; connected
to collector
3
2
mb
1
DPAK (SOT428C)
aaa-029889
C; mb
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
MJD41C
DPAK
Plastic single-ended surface-mounted package (DPAK); 3
leads (one lead cropped)
SOT428C
7. Marking
Table 4. Marking codes
Type number
Marking code
MJD41C
MJD41C
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC601134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCEO
collector-emitter voltage open base
-
100
V
VEBO
emitter-base voltage
open collector
-
6
V
IC
collector current
-
6
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
10
A
Tmb ≤ 25 °C
[1]
-
15
W
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
1.6
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Total power dissipation junction to mounting base.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided 70 µm copper, tin-plated mounting pad for collector 1 cm2.
MJD41C
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
10 May 2021
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com