Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCTMI2458-RPC Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTMI2458-RPC
Description  Low-Profile Access Point Antenna for Broadband Wireless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTMI2458-RPC Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTMI2458-RPC Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INFRASTRUCTURE ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
RoHS
COMPLIANT
The PCTMI2458-RPC is a low-profile antenna that is optimized for operation with
reverse polarity TNC compatible broadband wireless MIMO (802.11ac) access points
operating at 2.4 GHz and 5 GHz frequencies. The rugged, UV-resistant housing
makes it suitable for use in a wide variety of IIoT applications, including office LAN
environments, factory floors, and outdoor Wi-Fi networks.
Features
Omnidirectional antenna for indoor or outdoor operation
Outstanding performance in a very low-profile housing
White UL94 V0 plastic housing
Built directly on an RPTNC plug connector
No more than 3.26 inches long including the connector
Low-Profile Access Point Antenna for
Broadband Wireless
PCTMI2458-RPC
Access Point Low-Profile Antenna, Dual-Band 802.11ac
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Frequency Range
Gain
VSWR
3 dB Azimuth Half
Power Beamwidth
3 dB Elevation
Half Power
Beamwidth
Average
Power
Nominal
Impedance
Polarization
2.4-2.5 GHz
5.15-5.92 GHz
3 dBi
5 dBi
< 2.0:1
@ 2.4 GHz: 360°
@ 5 GHz: 360°
@ 2.4 GHz: 62°
@ 5 GHz: 35°
5 watts
50 ohms
Vertical, linear
STANDARD CONFIGURATION
Model
Connector
Mount
PCTMI2458-RPC
Reverse Polarity TNC
Direct Access Point Mount
PCTMI2458-RPC
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Housing Material
Temperature Range
Ingress Protection
3.26 L x 0.77 OD in (8.28 x 1.95 cm)
PC, White UL94 V0 Plastic
-30°C to +70°C
IPX7


Similar Part No. - PCTMI2458-RPC

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTMI2458-RPSMA PCTEL-PCTMI2458-RPSMA Datasheet
134Kb / 1P
Low-Profile Access Point Antennas for Broadband Wireless
More results

Similar Description - PCTMI2458-RPC

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
Wireless broadband access
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536680000 WEIDMULLER-2536680000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536690000 WEIDMULLER-2536690000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
Vaisala
AP10 VAISALA-AP10 Datasheet
190Kb / 3P
AP10 VaiNet Wireless Access Point
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com