Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCTP2425 Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTP2425
Description  Heavy-Duty Flexible Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTP2425 Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTP2425 Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
Elevated Feed Point Antennas
PCTP Series
The PCTP heavy-duty mobile antennas feature a rugged, flexible design that provides
long lasting performance and reliability under very extreme environmental conditions.
Features
•
Ground plane independent for reliable performance and added installation
flexibility
•
Heavy-duty, flexible radome design absorbs shock impact for applications
requiring a ruggedized antenna solution
•
Wideband coverage: ready to use without added field tuning
•
UV-stable polyurethane housing withstands severe installation applications. This
housing makes the antenna ideal for vehicular installations exposed to extreme
temperatures and high vibration conditions, including construction trucks,
agriculture tractors and and mining vehicles
Heavy-Duty Flexible Antennas
PCTP
ELECTRICAL SPECIFICATIONS
Model
Frequency Range
Gain
VSWR
Nominal
Impedance
Maximum
Power
Polarization
PCTP430
430-450 MHz
Unity
< 2.5:1
50 ohms
5 watts
Vertical, linear
PCTP450
450-470 MHz
2 dBi
< 2.5:1
50 ohms
5 watts
Vertical, linear
PCTP915
902-928 MHz
2 dBi
< 2.0:1
50 ohms
5 watts
Vertical, linear
PCTP2425
2400-2500 MHz
5 dBi
< 2.0:1
50 ohms
5 watts
Vertical, linear
PCTP/4GLTE
698-960 MHz/1710-2700 MHz
0-2 dBi typical
< 2.5:1 typical
50 ohms
5 watts
Vertical, linear
STANDARD CONFIGURATION
Model
Connector
Mount
PCTP430
TNC Plug (Male)
Direct mount only
PCTP450
TNC Plug (Male)
Direct mount only
PCTP915
TNC Plug (Male)
Direct mount only
PCTP2425
TNC Plug (Male)
Direct mount only
PCTP/4GLTE
TNC Plug (Male)
Direct mount only
PCTP/4GLTE
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Model
Dimensions
Housing Material
Ingress Protection
Temperature
Range
PCTP430
13 L x 0.62 OD in (330 x 15.74 mm)
Black, UV-stable polyurethane
IP67
-40°C to +85°C
PCTP450
13 L x 0.62 OD in (330 x 15.74 mm)
Black, UV-stable polyurethane
IP67
-40°C to +85°C
PCTP915
13 L x 0.62 OD in (330 x 15.74 mm)
Black, UV-stable polyurethane
IP67
-40°C to +85°C
PCTP2425
13 L x 0.62 OD in (330 x 15.74 mm)
Black, UV-stable polyurethane
IP67
-40°C to +85°C
PCTP/4GLTE
11 L x 0.78 OD in (280 x 20 mm)
Black, UV-stable polyurethane
IP67
-40°C to +85°C
RoHS
COMPLIANT
26


Similar Part No. - PCTP2425

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCT PICKER-PCT Datasheet
222Kb / 2P
Triac Output Solid State Relay
logo
Metcal
PCT-100 METCAL-PCT-100 Datasheet
1Mb / 2P
PCT-100 Pre-heater Convection Tool
PCT-100 METCAL-PCT-100 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
PCT-100-11 METCAL-PCT-100-11 Datasheet
1Mb / 2P
PCT-100 Pre-heater Convection Tool
PCT-100-11 METCAL-PCT-100-11 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
More results

Similar Description - PCTP2425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-24APN ETC2-BU-24APN Datasheet
49Kb / 1P
Heavy Duty Clip
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
OEN India Limited
OEN53 OENINDIA-OEN53 Datasheet
529Kb / 2P
HEAVY DUTY RELAY
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
Heavy Duty Flashlight
logo
Molex Electronics Ltd.
987651-6901 MOLEX-987651-6901 Datasheet
633Kb / 3P
Wi-Fi Flexible and PCB Antennas
2020.07
logo
AUREL S.p.A.
650200442G AUREL-650200442G Datasheet
57Kb / 2P
Flexible stylus antennas
5 May, 2005
650200448G AUREL-650200448G Datasheet
61Kb / 2P
Flexible stylus antennas
5 May, 2005
650200607G AUREL-650200607G Datasheet
46Kb / 2P
Flexible stylus antennas
5 May, 2005
650200608G AUREL-650200608G Datasheet
62Kb / 2P
Flexible stylus antennas
5 May, 2005
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com