Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIP0221SY Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MIP0221SY
Description  Silicon MOS IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MIP0221SY Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MIP0221SY Datasheet HTML 1Page - Panasonic Semiconductor MIP0221SY Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intelligent Power Devices (IPDs)
2
s Electrical Characteristics (T
C = 25 ± 2°C)
Parameter
Output frequency
Maximum duty cycle
Minimum duty cycle
Control pin charging current
Auto-restart threshold voltage
Lockout threshold voltage
Auto-restart hysteresis voltage
Auto-restart duty cycle
Auto-restart frequency
Self-protection
current limit
Leading edge blanking delay
Current limit delay
Thermal shutdown temperature
Power-up reset threshold voltage
ON-state resistance
OFF-state current
Breakdown voltage
Rise time
Fall time
Drain supply voltage
Shunt regulator voltage
Control supply/discharge current
Symbol
fOSC
MAXDC
MINDC
IC
VC(on)
VC(off)
∆V
C
TSW/TTIM
fTIM
ILIMIT
ton(BLK)
td(OCL)
TOTP
VC reset
RDS(on)
IDSS
VDSS
tr
tf
VD(MIN)
VC
ICD1
ICD2
Conditions
IC = 2mA
IC = 2mA
IC = 10mA
VC = 0
VC = 5V
IC = 3mA
IC = 3mA
IC = 3mA
ID = 0.025A
ID = 0.1A
ID = 0.2A
ID = 0.3A
ID = 0.3A
ID = 0.3A
ID = 0.3A
VDS = 650V, Output MOS FET disabled
ID = 0.25mA, Output MOS FET disabled
IC = 3mA
Output MOS FET enabled
Output MOS FET disabled
min
90
64
−2.4
−2
5
4
0.5
0.23
0.45
0.9
1.35
1.8
2.25
2.7
130
2.3
700
36
5.4
0.7
0.5
typ
100
67
−1.9
−1.5
5.7
4.7
1
5
1.2
0.25
0.5
1
1.5
2
2.5
3
0.25
0.1
140
3.3
31.2
15
8.5
5.8
4
3.3
2.6
0.01
0.1
0.1
5.7
1.4
0.8
max
110
70
3
−1.2
− 0.8
6.3
5.3
1.5
8
9.28
0.55
1.1
1.65
2.2
2.75
3.3
150
4.2
36
18
10
6.7
5
4
3
0.25
0.2
0.2
6.1
1.8
1.1
Unit
kHz
%
%
mA
V
V
V
%
Hz
A
µs
µs
°C
V
Ω
mA
V
µs
µs
V
V
mA
mA
MIP0221SY/0222SY/0223SY/0224SY/0225SY/0226SY/0227SY
Control functions
Auto-restart
Circuit protection
Output
Power supply voltage
MIP0221SY
MIP0222SY
MIP0223SY
MIP0224SY
MIP0225SY
MIP0226SY
MIP0227SY
MIP0221SY
MIP0222SY
MIP0223SY
MIP0224SY
MIP0225SY
MIP0226SY
MIP0227SY



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com