Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPVI10 Datasheet(PDF) 2 Page - Total Power International

Part # TPVI10
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE AND DUAL OUTPUT 10 WATTS INTERNAL SWITCHING POWER SUPPLIES TPVI10 SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPVI10 Datasheet(HTML) 2 Page - Total Power International

  TPVI10 Datasheet HTML 1Page - Total Power International TPVI10 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 158.0 g (5.57 Oz.)
SINGLE OUTPUT
MAIN VO1 @
MODEL NO.
Typ.
Volt.
Max.
TPVI10-10
2.0A
5.0V
3.00A
TPVI10-11
1.0A
12.0V
1.50A
TPVI10-12
0.7A
15.0V
1.20A
TPVI10-13
0.5A
24.0V
0.75A
DUAL OUTPUT
MAIN VO1 @ ◇
AUX. VO2 ●◇
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
TPVI10-20
1.7A
5.0V
2.5A
0.3A
5.0V
0.5A
TPVI10-21
1.0A
5.0V
2.0A
0.5A
12.0V
0.5A
TPVI10-22
1.0A
5.0V
2.0A
0.4A
15.0V
0.5A
TPVI10-23
1.0A
5.0V
2.0A
0.2A
24.0V
0.3A
Symbol: " " OVP built-in. "@" Adjustable. "◇" Floating (or isolated) output.
" " Installed with Post Regulator. (P.R.)
Remark: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Peak output, less than 60 Sec. with 10% duty cycles.
(3) Max. current can't be drawn from all output at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE/DUAL OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL AC-GROUND
-VO1
+VO1
-VO2
+VO2
CONNECTOR
&PIN #
P1-L
P1-N
P1-G
P2-1,2
P2-3,4
P2-5
P2-6
Mating connector: Molex 5195 or 5239 series.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com